Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A21SP16 Datasheet(PDF) 31 Page - STMicroelectronics

Part # A21SP16
Description  3 W filter-free class-D audio power amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A21SP16 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button A21SP16 Datasheet HTML 27Page - STMicroelectronics A21SP16 Datasheet HTML 28Page - STMicroelectronics A21SP16 Datasheet HTML 29Page - STMicroelectronics A21SP16 Datasheet HTML 30Page - STMicroelectronics A21SP16 Datasheet HTML 31Page - STMicroelectronics A21SP16 Datasheet HTML 32Page - STMicroelectronics A21SP16 Datasheet HTML 33Page - STMicroelectronics A21SP16 Datasheet HTML 34Page - STMicroelectronics A21SP16 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
DocID026037 Rev 2
31/37
A21SP16
Application information
37
We have the following equations:
In general, for mixed situations (single-ended and differential inputs), it is best to use the
same rule, that is, to equalize impedance on both A21SP16 inputs.
5.10
Output filter considerations
The A21SP16 is designed to operate without an output filter. However, due to very sharp
transients on the A21SP16 output, EMI radiated emissions may cause some standard
compliance issues.
These EMI standard compliance issues can appear if the distance between the A21SP16
outputs and loudspeaker terminal is long (typically more than 50 mm, or 100 mm in both
directions, to the speaker terminals). As the PCB layout and internal equipment device are
different for each configuration, it is difficult to provide a one-size-fits-all solution.
However, to decrease the probability of EMI issues, there are several simple rules to follow:
Reduce, as much as possible, the distance between the A21SP16 output pins and the
speaker terminals.
Use ground planes for “shielding” sensitive wires.
Place, as close as possible to the A21SP16 and in series with each output, a ferrite
bead with a rated current at minimum 2 A and impedance greater than 50
at
frequencies above 30 MHz. If, after testing, these ferrite beads are not necessary,
replace them by a short-circuit. Murata BLM18EG221SN1 or BLM18EG121SN1 are
possible examples of devices you can use.
Allow enough footprint to place, if necessary, a capacitor to short perturbations to
ground (see the schematics in Figure 63).
Figure 63. Method for shorting pertubations to ground
In the case where the distance between the A21SP16 outputs and speaker terminals is
high, it is possible to have low frequency EMI issues due to the fact that the typical operating
frequency is 250 kHz. In this configuration, we recommend using an output filter (as shown
Out
+
Out
-
–
Ve1
300
Rin1
-------------
 Vek
300
Rink
-------------
(V)
++
=
Ceq
k
j1
=
Cinj
=
Cinj
1
2
 R
inj F
CLj
----------------------------------------------------
(F)
=
Req
1
1
Rinj
----------
j1
=
k
-------------------
=
Ferrite chip bead
about 100pF
Gnd
From TS4962 output
To speaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com