Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A21SP16 Datasheet(PDF) 32 Page - STMicroelectronics

Part # A21SP16
Description  3 W filter-free class-D audio power amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A21SP16 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button A21SP16 Datasheet HTML 28Page - STMicroelectronics A21SP16 Datasheet HTML 29Page - STMicroelectronics A21SP16 Datasheet HTML 30Page - STMicroelectronics A21SP16 Datasheet HTML 31Page - STMicroelectronics A21SP16 Datasheet HTML 32Page - STMicroelectronics A21SP16 Datasheet HTML 33Page - STMicroelectronics A21SP16 Datasheet HTML 34Page - STMicroelectronics A21SP16 Datasheet HTML 35Page - STMicroelectronics A21SP16 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Application information
A21SP16
32/37
DocID026037 Rev 2
in Figure 1: Typical application schematics on page 4). It should be placed as close as
possible to the device.
5.11
Different examples with summed inputs
Example 1: Dual differential inputs
Figure 64. Typical application schematic with dual differential inputs
With (Ri in k):
R1
R1
Cs
1u
GND
GND
Vcc
SPEAKER
Standby
R2
R2
E1+
E1-
E2-
E2+
In-
Stdby
In+
Out-
Out+
Vcc
C2
C1
A1
A2
A3
B1
B2
B3
C3
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
TS4962
AV
1
Out
+
Out
-
–
E1
+
E1
-
–
-------------------------------
300
R1
----------
==
AV
2
Out
+
Out
-
–
E2
+
E2
-
–
-------------------------------
300
R2
----------
==
0.5V
VCC R1
R2 300
VIC1 R2 VIC2
+
R1

+
300
R1 R2
+
 2R
1
R2
+
---------------------------------------------------------------------------------------------------------------------------
VCC 0.8V
–

VIC
1
E1
+
E1
-
+
2
------------------------
=
and VIC
2
E2
+
E2
-
+
2
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com