Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1170 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1170
Description  170 V, 1 A power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1170 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1170 Datasheet HTML 1Page - STMicroelectronics STPS1170 Datasheet HTML 2Page - STMicroelectronics STPS1170 Datasheet HTML 3Page - STMicroelectronics STPS1170 Datasheet HTML 4Page - STMicroelectronics STPS1170 Datasheet HTML 5Page - STMicroelectronics STPS1170 Datasheet HTML 6Page - STMicroelectronics STPS1170 Datasheet HTML 7Page - STMicroelectronics STPS1170 Datasheet HTML 8Page - STMicroelectronics STPS1170 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•
Negligible switching losses
•
High junction temperature capability
•
Very small conduction losses
•
Low leakage current
•
Avalanche rated
•
ECOPACK2 component
Applications
•
LED lighting
•
Battery charger
•
DC / DC converter
•
Notebook adapter
•
Switching diode
Description
The STPS1170 is a 170 V Schottky rectifier suited for switch mode power supplies
and high frequency DC to DC converters.
Packaged in SMA Flat and SMA Flat Notch, the STPS1170 is ideal for use in low
voltage, high frequency inverters, freewheeling and polarity protection. Also ideal for
all LED lighting applications where efficiency and space constraint are required.
Product status
STPS1170
Product summary
Symbol
Value
IF(AV)
1 A
VRRM
170 V
T j(max.)
175 °C
VF(typ.)
0.62 V
170 V, 1 A power Schottky rectifier
STPS1170
Datasheet
DS10643 - Rev 2 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS1170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1170 STMICROELECTRONICS-STPS1170 Datasheet
333Kb / 8P
Power Schottky rectifier
14-Oct-2014
STPS1170AF STMICROELECTRONICS-STPS1170AF Datasheet
333Kb / 8P
Power Schottky rectifier
14-Oct-2014
STPS1170AY STMICROELECTRONICS-STPS1170AY Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
More results

Similar Description - STPS1170

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
Schottky Rectifier, 1 A
06-Nov-08
VS-10BQ100PBF VISHAY-VS-10BQ100PBF Datasheet
113Kb / 7P
Schottky Rectifier, 1 A
03-Mar-10
VS-MBR1100 VISHAY-VS-MBR1100 Datasheet
116Kb / 6P
Schottky Rectifier, 1 A
21-Sep-11
logo
STMicroelectronics
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS2170 STMICROELECTRONICS-STPS2170_V01 Datasheet
353Kb / 12P
170 V, 2 A power Schottky rectifier
October 2019
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com