Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R405 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS-R405
Description  20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R405 Datasheet(HTML) 2 Page - STMicroelectronics

  GS-R405 Datasheet HTML 1Page - STMicroelectronics GS-R405 Datasheet HTML 2Page - STMicroelectronics GS-R405 Datasheet HTML 3Page - STMicroelectronics GS-R405 Datasheet HTML 4Page - STMicroelectronics GS-R405 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pin 2
GS-R405S only
Pin 5,6,7 GS-R400VB only
Pin 12
GS-R400V/VB only
Dimensions in mm
Bottom view
2/5
CONNECTION DIAGRAM AND MECHANICAL DATA
PIN DESCRIPTION
Pin
Function
Description
1
Inhibit
The module is disabled by a high logic level applied to this pin.
2
Reset
Reset output (GS-R405S only).
3
+ Input
DC input voltage. Recommended maximum voltage is 46V.
4
Input GND
Return for input voltage source.
5
Oscillator
100kHz oscillator output. To be connected to Sync (pin 6) input if the unit is a master and
left open if it is a slave (GS-R400VB only). See fig. 5.
6
Sync
Synchronization input. To be connected to the Oscillator output (pin 5) of the master (GS-
R400VB only). See fig. 5.
7
Current limiting
A resistor (
≥ 2.2kΩ) connected from this pin to pin 9 sets the current limiting level
(GS-R400VB only).
8
Output GND
Return for output current path.
Internally connected to pin 4.
9
– Sense
Senses the remote load return. Must be tied to pin 8 when the remote sensing feature is
not used. See fig. 1.
10
+ Sense
Senses the remote load high side. Must be tied to pin 11 when the remote load sensing
feature is not used. See fig. 1.
11
+ Output
Regulated DC output voltage.
12
Program
A resistor (
≤ 18kΩ) connected between this pin and pin 10 sets the output voltage
(GS-R400V and GS-R400VB only).
GS-R400 FAMILY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com