Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R405 Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS-R405
Description  20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R405 Datasheet(HTML) 3 Page - STMicroelectronics

  GS-R405 Datasheet HTML 1Page - STMicroelectronics GS-R405 Datasheet HTML 2Page - STMicroelectronics GS-R405 Datasheet HTML 3Page - STMicroelectronics GS-R405 Datasheet HTML 4Page - STMicroelectronics GS-R405 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ELECTRICAL CHARACTERISTICS (TA = 25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
∆Vo/∆T
Temperature Stability
Vi = Vo+8V Io = 1A
0.2/1.6
mv/
°C
Io
Output Current
Vi = Vo+8V
0.2
4
A
IoL
Current Limit
Vi = Vo+8V
58
A
Iisc
Average Input Current
Vi = 46V Output Shorted
0.1
0.2
A
fs
Switching Frequency
Io = 1A
100
KHz
SVR
Supply Voltage Rejection
fo = 100Hz Io =1A
4/12
mV/V
Vr
Ripple Voltage
Io = 2A
25/150
mVpp
tss
Soft Start Time
Vi = Vo+8V
10/35
ms
Vinhl
Low Inhibit Voltage
0.8
V
Vinhh
High Inhibit Voltage
2
5.5
V
Iinhh
High Inhibit Input Current
Vinh = 5V
500
µA
tcb
Crow-bar Delay Time
5
µs
Vrh*
Reset High Level
5V
Vrl*
Reset Low Level
Irl = 5mA
Irl = 10mA
0.2
0.4
V
trd*
Reset Delay Time
100
ms
Vcth
Crowbar Intervention Threshold
Vo•1.25
V
∆Vo
Total Remote
Sense Compensation
500
mV
Rth
Thermal Resistance
Case to ambient
5
°C/W
* GS-R405S only
USER NOTES
Input Voltage
The recommended operating maximum DC input
voltage is 46V inclusive of the ripple voltage.
Remote Sensing
The remote voltage sense compensation range is
for a total drop of 500mV equally shared between
the load connecting wires. It is a good practice to
shield the sensing wires to avoid oscillation.
Each sense input must be connected to its compan-
ion output power pin when the remote sense capa-
bility is not used (see fig. 1).
Case Grounding
The module case is isolated from the electrical
circuit of the switching regulator. It can be grounded
using the 4 corner pins.
The PCB area below the module can be used as an
effective sixth side shield against EMI.
Thermal Characteristics
The case-to-ambient thermal resistance of all the
GS-R400 modules is about 5
°C/W. This produces
a 50
°C temperature increase of the module surface
for 10W of internal power dissipation.
Depending on the ambient temperature and/or on
the power dissipation, an additional heatsink or
forced ventilation may be required.
Input Impedance
The module has an internal capacitor connected
between the input pins in order to assure PWM
stability. This capacitor cannot handle large values
of high frequency ripple current and it can be per-
manently damaged if the primary energy source
impedance is not adequate. The use of an external
low ESR, high ripple current capacitor located as
close the module as possible is recommended.
Suitable capacitors should have a RMS current
capability of 2.5ARMS with a working voltage of 50
VDC and an ESR of 0,1
Ω at 100 kHz. When space
GS-R400 FAMILY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com