Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5 Datasheet(PDF) 1 Page - TT Electronics.

Part # PR5
Description  Precision Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PR5 Datasheet(HTML) 1 Page - TT Electronics.

  PR5 Datasheet HTML 1Page - TT Electronics. PR5 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Metal Film Resistors
PR series
Low cost precision resistors
Tolerances down to ±0.1%
TCR down to 15ppm/°C
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
PR4
PR5
Power rating at 70°C
watts
0.25
0.5
Resistance range
ohms
100R – 1M
Limiting element voltage
volts
250
350
TCR (20°C to 70°C)
ppm/°C
≤240K: 15, 25, 50
>240K: 25, 50
Resistance tolerance
%
≤500K: 0.1, 0.25, 0.5, 1
>500K: 0.25, 0.5, 1
Standard values
E24, E96
Thermal impedance
°C/watt
140
112
Ambient temperature range
°C
-55 to 155
Electrical Data
Physical Data
03.10
A subsidiary of
TT electronics plc
Welwyn Components
182
L
D
f
d
Construction
The resistance element is a precisely controlled thin film of
metal alloy sputtered on to a high purity ceramic core,
protected by a moisture-resistant, high dielectric strength
coating applied so that terminations remain completely clear.
This permits a well defined body length (clean lead to clean
lead dimension L).
Terminations
Material
Hot tin dipped copper wire
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Marking
25ppm/°C resistors are colour coded with 5 bands. The other
grades have an additional 6th band indicating TCR which is
orange for 15ppm/°C and red for 50ppm/°C.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Precision Metal
Film Resistors
PR series
• Low cost precision resistors
• Tolerances down to ±0.1%
• TCR down to 15ppm/°C
Dimensions (mm) & Weight (g)
PC
Min.
Wt. nom
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
PR4
6.2
2.5
21
0.6
10.2
PR5
9.0
0.6
0.3
3.6
19.6
0.8
12.7
1.2
0.5
Resistors
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)


Similar Part No. - PR5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR5 CML-PR5 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Welwyn Components Limit...
PR5 WELWYN-PR5 Datasheet
68Kb / 2P
Precision Metal Film Resistors
logo
Visual Communications C...
PR5 VCC-PR5 Datasheet
26Kb / 1P
Single Bayonet Base
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
logo
CUI Devices
PR5 CUID-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
More results

Similar Description - PR5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com