Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5 Datasheet(PDF) 2 Page - TT Electronics.

Part # PR5
Description  Precision Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PR5 Datasheet(HTML) 2 Page - TT Electronics.

  PR5 Datasheet HTML 1Page - TT Electronics. PR5 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Precision Metal
Film Resistors
PR series
Maximum
Load: 1000 hours at 70°C
∆
5
.
0
%
R
C
°
5
5
1
t
a
o
r
e
z
C
°
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Short term overload
∆
5
2
.
0
%
R
Climatic
∆
5
.
0
%
R
Climatic category
55/125/56
Long term damp heat
∆
5
.
0
%
R
Temperature rapid change
∆
5
2
.
0
%
R
Resistance to solder heat
∆
5
2
.
0
%
R
Vibration and bump
∆
1
.
0
%
R
G
1
>
s
m
h
o
e
c
n
a
t
s
i
s
e
r
n
o
it
a
l
u
s
n
I
PR4: 500 min, PR5: 700 min
s
tl
o
v
f
o
o
r
p
e
g
a
tl
o
V
Precision Metal
Film Resistors
PR series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
183
03.10
Welwyn Components
Performance Data
Packaging
All PR resistors are supplied tape packed ready for loading on
to automatic sequencing and insertion machines.
Component wires will not protrude beyond the outside edge
of the tapes.
Alternative packaging available by request.
Lead formed resistors can also be supplied. Standard options
of Lancet, Radial and Goalpost forming are available.
52
f1
f2
6
6
5
Body location f1 – f2 ≤ 1.4 mm
PR_C.qxd
1/5/03
8:58 am
Page 2
Ordering Procedure
Example: PR4 with TCR of 15ppm/°C at 10 kilohms and 0.1% tolerance in an ammo pack box
of 5000 pieces -
P R 4 Y – 1 0 K B I
Type
TCR
Y
15 ppm/
°C
25 ppm/
°C
50 ppm/
°C
Value (use IEC62 code)
Tolerance (use IEC62 code)
B
0.1%
D
0.5%
C
0.25%
F
1%
Packing
I
Ammo
PR4
5000/box
Standard
PR5
2500/box
C
Maximum
Load: 1000 hours at 70°C
∆
5
.
0
%
R
C
°
5
5
1
t
a
o
r
e
z
C
°
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Short term overload
∆
5
2
.
0
%
R
Climatic
∆
5
.
0
%
R
Climatic category
55/125/56
Long term damp heat
∆
5
.
0
%
R
Temperature rapid change
∆
5
2
.
0
%
R
Resistance to solder heat
∆
5
2
.
0
%
R
Vibration and bump
∆
1
.
0
%
R
G
1
>
s
m
h
o
e
c
n
a
t
s
i
s
e
r
n
o
it
a
l
u
s
n
I
PR4: 500 min, PR5: 700 min
s
tl
o
v
f
o
o
r
p
e
g
a
tl
o
V
Precision Metal
Film Resistors
PR series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
183
03.10
Welwyn Components
Performance Data
Packaging
All PR resistors are supplied tape packed ready for loading on
to automatic sequencing and insertion machines.
Component wires will not protrude beyond the outside edge
of the tapes.
Alternative packaging available by request.
Lead formed resistors can also be supplied. Standard options
of Lancet, Radial and Goalpost forming are available.
52
f1
f2
6
6
5
Body location f1 – f2 ≤ 1.4 mm
PR_C.qxd
1/5/03
8:58 am
Page 2
Ordering Procedure
Example: PR4 with TCR of 15ppm/°C at 10 kilohms and 0.1% tolerance in an ammo pack box
of 5000 pieces -
P R 4 Y – 1 0 K B I
Type
TCR
Y
15 ppm/
°C
25 ppm/
°C
50 ppm/
°C
Value (use IEC62 code)
Tolerance (use IEC62 code)
B
0.1%
D
0.5%
C
0.25%
F
1%
Packing
I
Ammo
PR4
5000/box
Standard
PR5
2500/box
C
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com