Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS3002AI40 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS3002AI40
Description  175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS3002AI40 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS3002AI40 Datasheet HTML 12Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 13Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 14Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 15Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 16Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 17Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 18Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 19Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ICS843002I-40
175MHZ, FEMTOCLOCKS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
IDT™ / ICS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
16
ICS843002AKI-40 REV. A NOVEMBER 7, 2007
Schematic Example
Figure 7 shows a schematic example of the ICS843002I-40
application schematic. In this example, the device is operated at
VCC = 3.3V. The decoupling capacitors should be located as close
as possible to the power pin. The input is driven by a 3.3V LVPECL
driver. The 2-pole filter example is used in this schematic. Please
refer to the ICS843002I-40 datasheet for additional loop filter
recommendations.
Figure 7. ICS843002I-40 Schematic Example
Loss of Reference Indicator (LOR0 and LOR1) Output Pins
The LOR0 and LOR1 pins are controlled by the internal clock
activity monitor circuits. The clock activity monitor circuits are
clocked by the VCXO PLL phase detector feedback clock. The
LOR output is asserted high if there are three consecutive
feedback clock edges without any reference clock edges (in both
cases, either a negative or positive transition is counted as an
“edge”). The LOR output will otherwise be low. In
a phase detector
observation interval, the activity monitor does not flag excessive
reference transitions as an error. The monitor only distinguishes
between transitions occurring and no transitions occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com