Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS3002AI40 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS3002AI40
Description  175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS3002AI40 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS3002AI40 Datasheet HTML 1Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 2Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 3Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 4Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 5Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 6Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 7Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 8Page - Integrated Device Technology ICS3002AI40 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ICS843002I-40
175MHZ, FEMTOCLOCKS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
IDT™ / ICS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
2
ICS843002AKI-40 REV. A NOVEMBER 7, 2007
Block Diagram
R Divider =
1, 2, 4, 8,
16 or 32
CLK1
nCLK1
Activity
Detector
CLK0
nCLK0
Activity
Detector
LOR1
LOR0
R_SEL2:0
3
ISET
CLK_SEL
FemtoClock
PLL
x32
622.08 MHz
V
CCO_LVPECL
QA
nQA
C0 Divider =
4, 8, 32, or HiZ
QB
nQB
C1 Divider =
QB_SEL1:0
QA_SEL1:0
2
2
VCXO
Charge
Pump
and Loop
Filter
External
Loop
Components
19.44 MHz
Pullable
xtal
19.44 MHz
LF1
LF0
Divide
by 32
Divide
by 32
VCXO Jitter Attenuation PLL
Phase
Detector
ICS843002I-40
110
110
111
111
V
CCO_LVCMOS
1
0
4, 8, 32, or HiZ
NOTE: 19.44MHz VCXO crystal shown is typical for SONET/SDH device applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com