| Electronic Components Datasheet Search |
|
ABCIRPSE18FS Datasheet(PDF) 14 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
ABCIRPSE18FS Datasheet(HTML) 14 Page - TT Electronics. |
|
14 / 43 page ![]() 12 ABCIRP insert arrangements ABCIRP 20-15 Service A 7 Contacts, Size #12 (25) 22-14 Service A 19 Contacts, Size #16 (15) 40-A60 Service A 60 Contacts, Size #16 (15) 18-19 Service A 10 Contacts, Size #16 (15) 40-A35 Service D 35 Contacts, Size #12 (25) Note: Views from front face of pin insert 7 Contacts 10 Contacts 35 Contacts 13 Contacts 37 Contacts 19 Contacts 60 Contacts 22 Contacts 24-10 Service A 7 Contacts, Size #8 (100) 36-A22 Service D 22 Contacts, Size #12 (25) 32-A13 Service D 13 Contacts, Size #12 (25) 28-21 Service A 37 Contacts, Size #16 (15) Size 16 Size 12 Contact Size 8 Contact 12 www.ttabconnectors.com ABCIRP insert arrangements 7 Contacts 20-15 Service A 7 Contacts, Size #12 (25) 24-10 Service A 7 Contacts, Size #8 (100) 10 Contacts 18-19 Service A 10 Contacts, Size #16 (15) 13 Contacts 32-A13 Service D 13 Contacts, Size #12 (25) Size 16 Size 12 Contact Size 8 Contact Note: Views from front face of pin insert 35 Contacts 40-A35 Service D 35 Contacts, Size #12 (25) 37 Contacts 28-21 Service A 37 Contacts, Size #16 (15) 60 Contacts 40-A60 Service A 60 Contacts, Size #16 (15) 19 Contacts 22-14 Service A 19 Contacts, Size #16 (15) 22 Contacts 36-A22 Service D 22 Contacts, Size #12 (25) 12 www.ttabconnectors.com ABCIRP insert arrangements 7 Contacts 20-15 Service A 7 Contacts, Size #12 (25) 24-10 Service A 7 Contacts, Size #8 (100) 10 Contacts 18-19 Service A 10 Contacts, Size #16 (15) 13 Contacts 32-A13 Service D 13 Contacts, Size #12 (25) Size 16 Size 12 Contact Size 8 Contact Note: Views from front face of pin insert 35 Contacts 40-A35 Service D 35 Contacts, Size #12 (25) 37 Contacts 28-21 Service A 37 Contacts, Size #16 (15) 60 Contacts 40-A60 Service A 60 Contacts, Size #16 (15) 19 Contacts 22-14 Service A 19 Contacts, Size #16 (15) 22 Contacts 36-A22 Service D 22 Contacts, Size #12 (25) 12 www.ttabconnectors.com ABCIRP insert arrangements 7 Contacts 20-15 Service A 7 Contacts, Size #12 (25) 24-10 Service A 7 Contacts, Size #8 (100) 10 Contacts 18-19 Service A 10 Contacts, Size #16 (15) 13 Contacts 32-A13 Service D 13 Contacts, Size #12 (25) Size 16 Size 12 Contact Size 8 Contact Note: Views from front face of pin insert 35 Contacts 40-A35 Service D 35 Contacts, Size #12 (25) 37 Contacts 28-21 Service A 37 Contacts, Size #16 (15) 60 Contacts 40-A60 Service A 60 Contacts, Size #16 (15) 19 Contacts 22-14 Service A 19 Contacts, Size #16 (15) 22 Contacts 36-A22 Service D 22 Contacts, Size #12 (25) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |