Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCIRPSE18FS Datasheet(PDF) 23 Page - TT Electronics.

Part # ABCIRPSE18FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE18FS Datasheet(HTML) 23 Page - TT Electronics.

Back Button ABCIRPSE18FS Datasheet HTML 19Page - TT Electronics. ABCIRPSE18FS Datasheet HTML 20Page - TT Electronics. ABCIRPSE18FS Datasheet HTML 21Page - TT Electronics. ABCIRPSE18FS Datasheet HTML 22Page - TT Electronics. ABCIRPSE18FS Datasheet HTML 23Page - TT Electronics. ABCIRPSE18FS Datasheet HTML 24Page - TT Electronics. ABCIRPSE18FS Datasheet HTML 25Page - TT Electronics. ABCIRPSE18FS Datasheet HTML 26Page - TT Electronics. ABCIRPSE18FS Datasheet HTML 27Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
21
ABCIRP
straight conduit heatshrink screen adapter
SCHSA (locking)
ABCIRP
Thread measurement is imperial, all other measurements in mm.
How to Order:
ABBP ** SCHSA
** Shell Size
Shell Size
ØF Thread
Class 2B
ØF1 Thread
Class 2A
G Max
N Max
ØS Min
ØT Max
Oa Min Over-
lap Accessory
18
1’’ x 20
UNEF
1’’ x 20
UNEF
12.40
36.06
16.70
31.00
7.00
20
1
1/8’’ x 18
UNEF
1
3/16’’ x 18
UNEF
38.60
19.80
35.00
22
1
1/4’’ UNEF
21.34
38.00
24
1
3/8’’ x 18
UNEF
1
7/16’’ x 18
UNEF
25.40
41.00
28
1
5/8’’ x 18
UNEF
38.56
30.13
48.00
32
1
7/8’’ x 16
UN
1
3/4’’ x 18
UNS
12.10
38.26
36.73
54.00
36
2
1/16’’ x 16
UNS
2’’ x 18
UNS
39.26
41.00
61.00
40
2
5/16’’ x 16
UN
2
1/4’’ x 16
UN
38.30
48.10
67.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com