Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLO3A-RGI Datasheet(PDF) 1 Page - TT Electronics.

Part # PLO3A-RGI
Description  Extremely Low Resistance Power Wirewounds
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PLO3A-RGI Datasheet(HTML) 1 Page - TT Electronics.

  PLO3A-RGI Datasheet HTML 1Page - TT Electronics. PLO3A-RGI Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Extremely Low Resistance
Power Wirewounds
PLO Series
3 watts to 15 watts
0.005 ohm to 0.18 ohm
±1%, ±2, ±3, ±5, ±10% tolerance
Resistors
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Extremely Low Resistance
Power Wirewounds
PLO Series
3 watts to 15 watts
0.005 ohm to 0.18 ohm
±1%, ±2, ±3, ±5, ±10% tolerance
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PLO Series
IRC
Type
Power @ 25°C
(watts)
Resistance Range
(ohms)
PLO-3
PLO-5
PLO-7
PLO-10
PLO-15
Dimensions (Inches (mm))
IRC
Type
L
±.063 (1.6)
W
±.03 (.8)
H
±.03 (.8)
D - Diameter
±.002 (.05)
E
±.03 (.8)
PLO-3
PLO-5
PLO-7
PLO-10
PLO-15
L
D
.75
Min.
0.125
Max.
W
H
Type
PLO
E
Type
PLO-XA
NOTE:
All welded
terminations
Fireproof high temperature
ceramic case
PLO Series Issue November 2008 Sheet 1 of 2
Physical Data
TCR ±30 to +500ppm/°C
(1.0)
(1.0)
(1.0)
(1.0)
(1.0)
Resistors
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
04.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)


Similar Part No. - PLO3A-RGI

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
PLO3400 AAC-PLO3400 Datasheet
58Kb / 1P
PLL Oscillator
PLO3500 AAC-PLO3500 Datasheet
48Kb / 1P
PLL Oscillator
More results

Similar Description - PLO3A-RGI

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
Low Resistance Power Wirewounds
logo
IRC - a TT electronics ...
LPW-351202F IRCTT-LPW-351202F Datasheet
202Kb / 2P
Extremely Low Resistance Power Wirewounds
PLO5R020F IRCTT-PLO5R020F Datasheet
219Kb / 2P
Extremely Low Resistance Power Wirewounds
logo
HOKURIKU ELECTRIC INDUS...
E011402 HOKURIKU-E011402 Datasheet
150Kb / 1P
Flat Type Extremely-Low Resistance Chip Resistor
logo
Bruckewell Technology L...
RS1010F BWTECH-RS1010F Datasheet
140Kb / 4P
Extremely low thermal resistance
RS1010FS BWTECH-RS1010FS Datasheet
166Kb / 4P
Extremely low thermal resistance
SD22-210 BWTECH-SD22-210 Datasheet
745Kb / 2P
Extremely low thermal resistance
logo
HOKURIKU ELECTRIC INDUS...
ECR20 HOKURIKU-ECR20 Datasheet
150Kb / 1P
Flat Type Extremely-Low Resistance Chip Resistor
logo
Ohmite Mfg. Co.
RES-RW1-RW2 OHMITE-RES-RW1-RW2 Datasheet
344Kb / 2P
Extremely low resistance and high precision tolerance
logo
Shanghai Leiditech Elec...
MBR0520 LEIDITECH-MBR0520 Datasheet
602Kb / 2P
Low Forward Voltage and Extremely Low Thermal Resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com