Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS40004AI01 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS40004AI01
Description  FEMTOCLOCKS??CRYSTAL-TOLVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS40004AI01 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS40004AI01 Datasheet HTML 6Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 7Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 8Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 9Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 10Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 11Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 12Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 13Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
840004AGI-01
10
REV. A OCTOBER 22, 2007
ICS840004I-01
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS840004I-01 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01μF bypass
capacitor should be connected to each V
DDA.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V or 2.5V
.01
μF
V
DD
CRYSTAL INPUT INTERFACE
The ICS840004I-01 has been characterized with 18pF paral-
lel resonant crystals. The capacitor values shown in Figure 2
FIGURE 2. CRYSTAL INPUt INTERFACE
below were determined using a 25MHz, 18pF parallel reso-
nant crystal and were chosen to minimize the ppm error.
ICS84332
XTAL_IN
XTAL_OUT
X1
18pF Parallel Cry stal
C2
22p
C1
22p
ICS840004I-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com