Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS40004AI01 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS40004AI01
Description  FEMTOCLOCKS??CRYSTAL-TOLVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS40004AI01 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS40004AI01 Datasheet HTML 8Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 9Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 10Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 11Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 12Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 13Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 14Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 15Page - Integrated Device Technology ICS40004AI01 Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
840004AGI-01
12
REV. A OCTOBER 22, 2007
ICS840004I-01
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
LAYOUT GUIDELINE
Figure 4 shows a schematic example of the ICS840004I-
01. An example of LVCMOS termination is shown in this
schematic. Additional LVCMOS termination approaches are
shown in the LVCMOS Termination Application Note. In this
example, an 18pF parallel resonant 25MHz crystal is used.
FIGURE 4. ICS840004I-01 SCHEMATIC EXAMPLE
The C1=22pF and C2=22pF are recommended for fre-
quency accuracy. For different board layout, the C1 and C2
may be slightly adjusted for optimizing frequency accuracy.
1k
Ω pullup or pulldown resistors can be used for the logic
control input pins.
R5
100
RU1
1K
Zo = 50 Ohm
R4
100
R2
10
Unused outputs can be left floating. There should be
no trace attached to unused outputs. Device
characterized and specification limits set with all
outputs terminated.
VDD
C3
10uF
C1
22pF
RU2
Not Install
RD2
1K
C6
0.1u
XTAL_IN
VDD
If not using the crystal input, it can be left floating.
For additional protection the XTAL_IN pin can be
tied to ground.
Logic Control Input Examples
VDDO
VDD
VDDA
X1
Set Logic
Input to
'1'
U1
840004i_01
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
F_SEL0
nc
nXTAL_SEL
REF_CLK
OE
MR
nPLL_SEL
VDDA
nc
VDD
XTAL_OUT
XTAL_IN
GND
Q3
Q2
VDDO
F_SEL1
GND
Q0
Q1
VDD
To Logic
Input
pins
LVCMOS
R3
36
RD1
Not Install
C2
22pF
VDD=3.3V
VDD
VDDO=3.3V
To Logic
Input
pins
C5
0.1u
Optional Termination
Zo = 50 Ohm
XTAL_OUT
VDD
C4
0.01u
LVCMOS
Set Logic
Input to
'0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com