Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS002AI41L Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS002AI41L
Description  700MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS002AI41L Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS002AI41L Datasheet HTML 1Page - Integrated Device Technology ICS002AI41L Datasheet HTML 2Page - Integrated Device Technology ICS002AI41L Datasheet HTML 3Page - Integrated Device Technology ICS002AI41L Datasheet HTML 4Page - Integrated Device Technology ICS002AI41L Datasheet HTML 5Page - Integrated Device Technology ICS002AI41L Datasheet HTML 6Page - Integrated Device Technology ICS002AI41L Datasheet HTML 7Page - Integrated Device Technology ICS002AI41L Datasheet HTML 8Page - Integrated Device Technology ICS002AI41L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ICS843002I-41
700MHZ, FEMTOCLOCKS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
IDT™ / ICS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
4
ICS843002AKI-41 REV. A OCTOBER 25, 2007
Table 2. Pin Characteristics
Function Tables
Table 3A. Input Reference Selection Function Table
Table 3B. Input Reference Divider Selection Function Table
Table 3B. Output Divider Selection Function Table
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
50
k
RPULLDOWN Input Pulldown Resistor
50
k
Input
Function
CLK_SEL
Input Selected
0
CLK0/nCLK0
1
CLK1/nCLK1
Inputs
Function
R_SEL2
R_SEL1
R_SEL0
R Divider Value or State
000
÷1
001
÷2
010
÷4
011
÷8
100
÷16
101
÷32
1
1
0
bypass VCXO PLL
1
1
1
bypass VCXO and FemtoClock PLLs
Inputs
Function
QX_SEL2
QX_SEL1
QX_SEL0
Output Divider Value or State
0
0
0
Output QX/nQX (Hi-Z)
001
÷32
010
÷8
011
÷4
100
÷16
101
÷2
110
÷1
1
1
1
Output QX at LVPECL VOL, Output nQX at LVPECL VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com