Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS002AI41L Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS002AI41L
Description  700MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS002AI41L Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS002AI41L Datasheet HTML 2Page - Integrated Device Technology ICS002AI41L Datasheet HTML 3Page - Integrated Device Technology ICS002AI41L Datasheet HTML 4Page - Integrated Device Technology ICS002AI41L Datasheet HTML 5Page - Integrated Device Technology ICS002AI41L Datasheet HTML 6Page - Integrated Device Technology ICS002AI41L Datasheet HTML 7Page - Integrated Device Technology ICS002AI41L Datasheet HTML 8Page - Integrated Device Technology ICS002AI41L Datasheet HTML 9Page - Integrated Device Technology ICS002AI41L Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ICS843002I-41
700MHZ, FEMTOCLOCKS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
IDT™ / ICS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
6
ICS843002AKI-41 REV. A OCTOBER 25, 2007
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = 3.3V±5%, VCCO_LVCMOS = 3.3V±5% or 2.5V±5%, VEE = 0V,
TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
Ω to V
CCO_LVCMOS/2.See Parameter Measurement Information Section, “Output Load Test Circuit”.
Table 4C. Differential DC Characteristics, VCC = 3.3V±5%, VCCO_LVPECL = 3.3V±5% or 2.5V±5%, VEE = 0V,
TA = -40°C to 85°C
NOTE 1: VIL cannot be less than -0.3V
NOTE 2: Common mode input voltage is defined as VIH.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High Current
QA_SEL[0:1],
QB_SEL[0:1]
VCC = VIN = 3.465V
5
µA
CLK_SEL,
QA_SEL2,
QB_SEL2,
R_SEL[0:2]
VCC = VIN = 3.465V
150
µA
IIL
Input
Low Current
QA_SEL[0:1],
QB_SEL[0:1]
VCC = 3.465V, VIN = 0V
-150
µA
CLK_SEL,
QA_SEL2,
QB_SEL2,
R_SEL[0:2]
VCC = 3.465V, VIN = 0V
-5
µA
VOH
Output
High Voltage
LOR0, LOR1
NOTE 1
VCCO_LVCMOS = 3.465V
2.6
V
VCCO_LVCMOS = 2.625V
1.8
V
VOL
Output
Low Voltage
LOR0, LOR1
NOTE 1
VCCO_LVCMOS = 3.465V or
2.625V
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK0/nCLK0,
CLK1/nCLK1
VCC = VIN = 3.465V
150
µA
IIL
Input Low Current
CLK0, CLK1
VCC = 3.465V, VIN = 0V
-5
µA
nCLK0, nCLK1
VCC = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
VEE + 0.5
VCC – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com