Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6501DBVT Datasheet(PDF) 16 Page - Texas Instruments

Part # SN6501DBVT
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 12Page - Texas Instruments SN6501DBVT Datasheet HTML 13Page - Texas Instruments SN6501DBVT Datasheet HTML 14Page - Texas Instruments SN6501DBVT Datasheet HTML 15Page - Texas Instruments SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
8.2 Typical Application
Figure 8-3. Typical Application Schematic (SN6501)
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 8-1 as design parameters.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
3.3 V ± 3%
Output voltage
5 V
Maximum load current
100 mA
8.2.2 Detailed Design Procedure
The following recommendations on components selection focus on the design of an efficient push-pull converter
with high current drive capability. Contrary to popular belief, the output voltage of the unregulated converter
output drops significantly over a wide range in load current. The characteristic curve in Figure 5-11 for example
shows that the difference between VOUT at minimum load and VOUT at maximum load exceeds a transceiver’s
supply range. Therefore, in order to provide a stable, load independent supply while maintaining maximum
possible efficiency the implementation of a low dropout regulator (LDO) is strongly advised.
The final converter circuit is shown in Figure 8-7. The measured VOUT and efficiency characteristics for the
regulated and unregulated outputs are shown in Figure 5-1 to Figure 5-28.
8.2.2.1 SN6501 Drive Capability
The SN6501 transformer driver is designed for low-power push-pull converters with input and output voltages in
the range of 3 V to 5.5 V. While converter designs with higher output voltages are possible, care must be taken
that higher turns ratios don’t lead to primary currents that exceed the SN6501 specified current limits.
Unlike SN6505 devices, SN6501 does not have soft-start, internal current limit, or thermal shutdown (TSD)
features. Therefore to address possible unregulated or large currents, there is a limit to the maximum capacitive
load that can be connected to an SN6501 system. Loads exceeding 5uF appear as short circuits to SN6501
during power up and may affect the device’s long-term reliability. When using SN6501, it is recommended to
keep capacitive loads below 5uF or incorporate LDOs with low short-circuit current limits or soft-start features to
ensure excessive current is not drawn from SN6501.
8.2.2.2 LDO Selection
The minimum requirements for a suitable low dropout regulator are:
• Its current drive capability should slightly exceed the specified load current of the application to prevent the
LDO from dropping out of regulation. Therefore for a load current of 100 mA, choose a 100 mA to 150 mA
LDO. While regulators with higher drive capabilities are acceptable, they also usually possess higher dropout
voltages that will reduce overall converter efficiency.
• The internal dropout voltage, VDO, at the specified load current should be as low as possible to maintain
efficiency. For a low-cost 150 mA LDO, a VDO of 150 mV at 100 mA is common. Be aware however, that this
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com