Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6501DBVT Datasheet(PDF) 23 Page - Texas Instruments

Part # SN6501DBVT
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments SN6501DBVT Datasheet HTML 22Page - Texas Instruments SN6501DBVT Datasheet HTML 23Page - Texas Instruments SN6501DBVT Datasheet HTML 24Page - Texas Instruments SN6501DBVT Datasheet HTML 25Page - Texas Instruments SN6501DBVT Datasheet HTML 26Page - Texas Instruments SN6501DBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
8.2.3 Application Curve
See Table 8-3 for application curves.
8.2.4 Higher Output Voltage Designs
The SN6501 can drive push-pull converters that provide high output voltages of up to 30 V, or bipolar outputs of
up to ±15 V. Using commercially available center-tapped transformers, with their rather low turns ratios of 0.8 to
5, requires different rectifier topologies to achieve high output voltages. Figure 8-8 to Figure 8-11 show some of
these topologies together with their respective open-circuit output voltages.
n
V
IN
VOUT+ = n·VIN
VOUT- = n·VIN
Figure 8-8. Bridge Rectifier With Center-Tapped
Secondary Enables Bipolar Outputs
n
V
IN
V
OUT = 2n·VIN
Figure 8-9. Bridge Rectifier Without Center-Tapped
Secondary Performs Voltage Doubling
n
VIN
VOUT+ = 2n·VIN
VOUT- = 2n·VIN
Figure 8-10. Half-Wave Rectifier Without Center-
Tapped Secondary Performs Voltage Doubling,
Centered Ground Provides Bipolar Outputs
n
VIN
V
OUT = 4n·VIN
Figure 8-11. Half-Wave Rectifier Without Centered
Ground and Center-Tapped Secondary Performs
Voltage Doubling Twice, Hence Quadrupling VIN
8.2.5 Application Circuits
The following application circuits are shown for a 3.3 V input supply commonly taken from the local, regulated
micro-controller supply. For 5 V input voltages requiring different turn ratios refer to the transformer
manufacturers and their websites listed in Table 8-4.
Table 8-4. Transformer Manufacturers
Coilcraft Inc.
http://www.coilcraft.com
Halo-Electronics Inc.
http://www.haloelectronics.com
Murata Power Solutions
http://www.murata-ps.com
Wurth Electronics Midcom Inc
http://www.midcom-inc.com
www.ti.com
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com