Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040AECT-2.5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM4040AECT-2.5
Description  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040AECT-2.5 Datasheet(HTML) 1 Page - STMicroelectronics

  LM4040AECT-2.5 Datasheet HTML 1Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 2Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 3Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 4Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 5Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 6Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 7Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 8Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
•
Fixed 2.048 V, 2.5 V, 3.0 V, 4.096 V and 5.0 V output voltages
•
Ultra low operating current: 10 µA at 25 °C
•
High precision @ 25 °C: +/- 0.1% (LM4040A), +/- 0.2% (LM4040B), +/- 0.5 %
(LM4040C), +/- 1% (LM4040D)
•
Very low LF noise: typ.10 µ Vp-p
•
Stable when used with capacitive loads
•
Industrial (-40 to +125 °C) temperature range
•
70 ppm/°C max. temperature coefficient
•
Available in SOT23-3L and SOT323-5L packages
Applications
•
Portable, battery-operated equipment
•
Data acquisition systems
•
Instrumentation
Description
The LM4040 is a low power and high accuracy shunt voltage reference providing
a stable output voltage over the industrial temperature range (-40 to +125 °C), with
a maximum temperature coefficient of 70 ppm/°C. It is available in 0.1%, 0.2%,
0.5% and 1% initial accuracy versions. The SOT323-5L and SOT23-3L packages
can be designed in applications where space saving is a critical issue. The very low
operating current is a key advantage for power restricted designs. The LM4040 is
very stable and can be used in a broad range of application conditions.
SOT23-3L
SOT323-5L
Maturity status link
LM4040
Precision micropower shunt voltage reference
LM4040
Datasheet
DS13886 - Rev 2 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LM4040AECT-2.5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4040AEM3-5.0+T MAXIM-LM4040AEM3-5.0+T Datasheet
1Mb / 17P
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
LM4040AEM3-5.0/V+T MAXIM-LM4040AEM3-5.0/V+T Datasheet
1Mb / 17P
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
LM4040AEX3-5.0+T MAXIM-LM4040AEX3-5.0+T Datasheet
1Mb / 17P
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
More results

Similar Description - LM4040AECT-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com