Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040AECT-2.5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM4040AECT-2.5
Description  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040AECT-2.5 Datasheet(HTML) 3 Page - STMicroelectronics

  LM4040AECT-2.5 Datasheet HTML 1Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 2Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 3Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 4Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 5Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 6Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 7Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 8Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Ik
Reverse breakdown current
20
mA
If
Forward current
15
mA
Pd
Power dissipation (1)
500
mW
Tstd
Storage temperature
-65 to +150
°C
ESD
Human Body Model (HBM)
2
kV
Machine Model (MM)
200
V
Charged device model
1500
V
Tlead
Lead temperature (soldering) 10 sec.
260
°C
Tj
Max. junction temperature
+150
°C
1. Pd has been calculated with Tamb = 25 °C and Tjmax = 150 °C.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 2. Thermal data
Symbol
Parameter
SOT323-5L
SOT23-3L
Unit
RthJA
Thermal resistance junction ambient
245
210
°C/W
RthJC
Thermal resistance junction-case
105
103
°C/W
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
Ikmin
Minimum operating current
10
µA
Ikmax
Maximum operating current
15
mA
Toper
Operating free air temperature range
-40 to +125
°C
LM4040
Maximum ratings
DS13886 - Rev 2
page 3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com