Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R400V Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R400V
Description  SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R400V Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R400V Datasheet HTML 1Page - STMicroelectronics GS-R400V Datasheet HTML 2Page - STMicroelectronics GS-R400V Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GS-R400/2 Family
SMALL SIZE STEP-DOWN
SWITCHING REGULATOR FAMILY
June 1994
1/3
SELECTION CHART
Type
Ordering
Number
Output
Voltage
(V)
Input
Voltage
(V)
Output
Ripple
(mVpp)
Regulation
Efficiency
(%)
Notes
Line
(mV/V)
Load
(mV/A)
GS-R405/2
5.1
± 2%
9 to 40
25
2
20
80
Fixed output voltage
GS-R412/2
12.0
± 4%
16 to 40
50
5
40
85
"
GS-R415/2
15.0
± 4%
19 to 40
65
6
60
87
"
GS-R424/2
24.0
± 4%
28 to 40
100
6
80
90
"
GS-R400V/2
5.1 to 24
Vo+4 to 40
25 to 100
2 to 6
20 to 80
80 to 90
Progr. output voltage
Note : Line regulation is measured at Iout=1A.
Load regulation is measured at Vin=Vo+8V and Iout=0.5 to 1.5A.
Case temperature must be kept below 85
° C
FEATURES
MTBF in excess of 500,000 hours
4A max output current
40V max input voltage
4V max drop-out voltage
Soft start
Non-latching short circuit protection
Crow-bar output overvoltage protection
DESCRIPTION
The GS-R400/2 series is a family of small sized
high current, high voltage step-down switching
regulators.
The integral heatsink allows a large power handling
capability and it provides also an effective shielding
to minimize EMI.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
42
V
Io
Output Current
4A
Tstg
Storage Temperature Range
– 40 to +105
°C
Tcop
Operating Case Temperature Range
– 20 to +85
°C


Similar Part No. - GS-R400V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R400V STMICROELECTRONICS-GS-R400V Datasheet
115Kb / 5P
20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R400VB STMICROELECTRONICS-GS-R400VB Datasheet
115Kb / 5P
20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
More results

Similar Description - GS-R400V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R400 STMICROELECTRONICS-GS-R400 Datasheet
115Kb / 5P
20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
STMicroelectronics
GS-R24P STMICROELECTRONICS-GS-R24P Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R12P STMICROELECTRONICS-GS-R12P Datasheet
62Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
Step-down Switching Regulator
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com