Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R400 Datasheet (PDF) - STMicroelectronics

GS-R400 Datasheet PDF - STMicroelectronics
Part # GS-R400
Download  GS-R400 Download
File Size   115.15 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY

GS-R400 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-R400 Datasheet PDF - STMicroelectronics

Part # GS-R400
Download  GS-R400 Click to download

File Size   115.15 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY

GS-R400 Datasheet (HTML) - STMicroelectronics


GS-R400 Product details

DESCRIPTION

The GS-R400/2 series is a family of small sized high current, high voltage step-down switching regulators.

The integral heatsink allows a large power handling capability and it provides also an effective shielding to minimize EMI.



FEATURES

MTBF in excess of 500,000 hours

4A max output current

40V max input voltage

4V max drop-out voltage

Soft start

Non-latching short circuit protection

Crow-bar output overvoltage protection



 




Similar Part No. - GS-R400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R4002 STMICROELECTRONICS-GS-R4002 Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R400V STMICROELECTRONICS-GS-R400V Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R400V/2 STMICROELECTRONICS-GS-R400V/2 Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R400V2 STMICROELECTRONICS-GS-R400V2 Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
More results


Similar Description - GS-R400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R4002 STMICROELECTRONICS-GS-R4002 Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R51212 STMICROELECTRONICS-GS-R51212 Datasheet
102Kb / 5P
20W TRIPLE OUTPUT STEP-DOWN SWITCHING REGULATOR
Jun-1994
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
STMicroelectronics
GS-R24P STMICROELECTRONICS-GS-R24P Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R12P STMICROELECTRONICS-GS-R12P Datasheet
62Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
logo
American Accurate Compo...
RHP-10X-R02JYT AAC-RHP-10X-R02JYT Datasheet
301Kb / 8P
HIGH POWER RESISTOR - 20W to 140W
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com