Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R400 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS-R400
Description  20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R400 Datasheet(HTML) 4 Page - STMicroelectronics

  GS-R400 Datasheet HTML 1Page - STMicroelectronics GS-R400 Datasheet HTML 2Page - STMicroelectronics GS-R400 Datasheet HTML 3Page - STMicroelectronics GS-R400 Datasheet HTML 4Page - STMicroelectronics GS-R400 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
is a limitation, a 22
µF ceramic multilayer capacitor
must be connected to the module input pins.
Output Voltage Programming
The GS-R400V and GS-R400VB output voltage is
programmed by using a resistor (see pin function
table and fig. 4). The resistor must be located very
close the module and the PCB layout must
mimimize injected noise. The value of the resistor
is calculated by using the following formula:
Rv = 2.67
Vo
5.1
–1
k
Vo can be adjusted between 5.1 and 40V.
Current Limiting Programming
The GS-R400VB current limiting is programmed by
using a resistor (see pin function table and fig. 4).
The value of the resistor is calculated by using the
following formula:
Ri = [2.2 + (5
•Io)] kΩ
Module Protection
The modules are protected against occasional and
permanent short circuits of the output pin to ground,
as well as against output current overload.
When the output current exceeds the maximum
value, the output is automatically disabled. After a
fixed time the module starts again in a soft mode.
The cycle is repeated until the overload condition is
removed.
A crowbar output overvoltage protection is activated
whenever the output voltage exceeds the nominal
output voltage by more than 25%.
Figure 1. Load Connection
Figure 2. Remote Inhibit Operation
Figure 3. Reset Operation
GS-R400 FAMILY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com