Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R400 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R400
Description  20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R400 Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R400 Datasheet HTML 1Page - STMicroelectronics GS-R400 Datasheet HTML 2Page - STMicroelectronics GS-R400 Datasheet HTML 3Page - STMicroelectronics GS-R400 Datasheet HTML 4Page - STMicroelectronics GS-R400 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GS-R400 Family
20W TO 140W STEP-DOWN
SWITCHING REGULATOR FAMILY
June 1994
1/5
FEATURES
MTBF in excess of 200,000 hours
4A max output current
46V max input voltage
4V max drop-out voltage
Soft start
Remote logic inhibit/enable
Remote output voltage sense
Non-latching overload and short circuit protection
Crow-bar output overvoltage protection
DESCRIPTION
The GS-R400 series is a versatile family of high
current, high voltage step-down switching voltage
regulators.
The integral heatsink allows a large power handling
capability and it provides also an effective shielding
to minimize EMI.
SELECTION CHART
Type
Ordering
Number
Output
Voltage
(V)
Input
Voltage
(V)
Output
Ripple
(mVpp)
Regulation
Efficiency
(%)
Notes
Line
(mV/V)
Load
(mV/A)
GS-R405
5.1
± 2%
9 to 46
25
2
20
70
Fixed output voltage
GS-R412
12.0
± 4%
16 to 46
50
5
40
80
"
GS-R415
15.0
± 4%
19 to 46
65
5
60
85
"
GS-R424
24.0
± 4%
28 to 46
100
6
90
90
"
GS-R405S
5.1
± 2%
9 to 46
25
2
20
70
Reset output
GS-R400V
5.1 to 40
Vo+4 to 46
25 to 100
6
20 to 90
70 to 90
Progr. output voltage
GS-R400VB
5.1 to 40
Vo+4 to 46
25 to 100
6
20 to 90
70 to 90
Progr. output voltage and
current. Frequency synchr.
Note: The line regulation is measured at Iout=1A
The load regulation is measured at Vin=Vo+8V and Iout=1 to 3A
For VO
≥ 36V and Io = 4A an external heatsink or forced ventilation are required.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
48
V
Irt*
Reset Output Sink Current
20
mA
Tstg
Storage Temperature Range
– 40 to +105
°C
Tcop
Operating Case Temperature Range
– 20 to +85
°C
* GS-R405S only


Similar Part No. - GS-R400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R4002 STMICROELECTRONICS-GS-R4002 Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R400V STMICROELECTRONICS-GS-R400V Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R400V/2 STMICROELECTRONICS-GS-R400V/2 Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R400V2 STMICROELECTRONICS-GS-R400V2 Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
More results

Similar Description - GS-R400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R4002 STMICROELECTRONICS-GS-R4002 Datasheet
90Kb / 3P
SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
GS-R51212 STMICROELECTRONICS-GS-R51212 Datasheet
102Kb / 5P
20W TRIPLE OUTPUT STEP-DOWN SWITCHING REGULATOR
Jun-1994
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
STMicroelectronics
GS-R24P STMICROELECTRONICS-GS-R24P Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R12P STMICROELECTRONICS-GS-R12P Datasheet
62Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
logo
American Accurate Compo...
RHP-10X-R02JYT AAC-RHP-10X-R02JYT Datasheet
301Kb / 8P
HIGH POWER RESISTOR - 20W to 140W
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com