Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 16 Page - Texas Instruments

Part # UCD3138RHAT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 12Page - Texas Instruments UCD3138RHAT Datasheet HTML 13Page - Texas Instruments UCD3138RHAT Datasheet HTML 14Page - Texas Instruments UCD3138RHAT Datasheet HTML 15Page - Texas Instruments UCD3138RHAT Datasheet HTML 16Page - Texas Instruments UCD3138RHAT Datasheet HTML 17Page - Texas Instruments UCD3138RHAT Datasheet HTML 18Page - Texas Instruments UCD3138RHAT Datasheet HTML 19Page - Texas Instruments UCD3138RHAT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
8.5 Electrical Characteristics (continued)
V33A = V33D = V33DIO = 3.3 V; 1 μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ADC12 INL integral nonlinearity(1)
ADC_SAMPLINGSEL = 6 for all ADC12
data, 25 °C to 125 °C
±2.5
LSB
ADC12 DNL differential nonlinearity(1)
–0.7/+2.5
LSB
ADC Zero Scale Error
–7
7
mV
ADC Full Scale Error
–35
35
mV
Input bias
2.5 V applied to pin
400
nA
Input leakage resistance(1)
ADC_SAMPLINGSEL= 6 or 0
1
MΩ
Input Capacitance(1)
10
pF
ADC single sample conversion time(1)
ADC_SAMPLINGSEL= 6 or 0
3.9
μs
DIGITAL INPUTS/OUTPUTS(2) (3)
VOL
Low-level output voltage(4)
IOH = 4 mA, V33DIO = 3 V
DGND
+ 0.25
V
VOH
High-level output voltage (4)
IOH = –4 mA, V33DIO = 3 V
V33DIO
– 0.6
V
VIH
High-level input voltage
V33DIO = 3 V
2.1
V
VIL
Low-level input voltage
V33DIO = 3 V
1.1
V
IOH
Output sinking current
4
mA
IOL
Output sourcing current
–4
mA
SYSTEM PERFORMANCE
TWD
Watchdog time out range
Total time is: TWD × (WDCTRL.PERIOD
+ 1)
14.6
17
20.5
ms
Time to disable DPWM output based on
active FAULT pin signal
High level on FAULT pin
70
ns
Processor master clock (MCLK)
31.25
MHz
tDelay
Digital compensator delay(5)
(1 clock = 32 ns)
6
clocks
t(reset)
Pulse width needed at reset(1)
10
µs
Retention period of flash content (data
retention and program)
TJ = 25°C
100
years
Program time to erase one page or block
in data flash or program flash
20
ms
Program time to write one word in data
flash or program flash
20
µs
f(PCLK)
Internal oscillator frequency
240
250
260
MHz
Sync-in/sync-out pulse width
Sync pin
256
ns
Flash Read
1
MCLKs
Flash Write
20
μs
ISHARE
Current share current source (See Figure
9-16)
238
259
μA
RSHARE Current share resistor (See Figure 9-16)
9.75
10.3
kΩ
POWER ON RESET AND BROWN OUT (V33D pin, See Figure 8-3)
VGH
Voltage good high
2.7
V
VGL
Voltage good low
2.5
V
Vres
Voltage at which IReset signal is valid
0.8
V
TPOR
Time delay after power is good or
RESET* relinquished
1
ms
Brownout
Internal signal warning of brownout
conditions
2.9
V
TEMPERATURE SENSOR(6)
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com