Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT Datasheet(PDF) 68 Page - Texas Instruments

Part # UCD3138RHAT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAT Datasheet(HTML) 68 Page - Texas Instruments

Back Button UCD3138RHAT Datasheet HTML 64Page - Texas Instruments UCD3138RHAT Datasheet HTML 65Page - Texas Instruments UCD3138RHAT Datasheet HTML 66Page - Texas Instruments UCD3138RHAT Datasheet HTML 67Page - Texas Instruments UCD3138RHAT Datasheet HTML 68Page - Texas Instruments UCD3138RHAT Datasheet HTML 69Page - Texas Instruments UCD3138RHAT Datasheet HTML 70Page - Texas Instruments UCD3138RHAT Datasheet HTML 71Page - Texas Instruments UCD3138RHAT Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 99 page
background image
11 Power Supply Recommendations
For additonal power supply and layout recommendations, see the UCD3138 Family - Practical Design Guideline
SLUA779
11.1 Introduction To Power Supply and Layout Recommendations
This is an introduction for the sections on Power Supply and Layout.
There are multiple grounds and bias power pins for digital controllers such as the UCD3138 family products.
They are separated from each other because of the digital circuitry and analog circuitry inside the device.
Normally, digital circuits draw more current and generate more noise, but the digital signal is not sensitive to the
noise; while the analog circuit needs quiet power and grounding. A deliberate grounding and power separation
outside the controller can reduce the interference between analog circuits and digital circuits, and therefore, the
controller can have better performance. When they are separated from each other, take care of how the analog
circuit and digital circuit are grouped, respectively, and then how and where they are tied together. With improper
grounding, the device performance can be negatively impacted including DPWM abnormal, device reset, ADC
results, output voltage ripple, and so on.
These sections supersede all older guidelines on UCD family board design and layout. Older EVM designs may
not meet all of these guidelines.
In the PCB design, there are two options. One is to have two separate grounds - digital ground and analog
ground. The other is to use a single ground plane for both digital ground and analog ground. With two separate
ground planes, how to connect digital ground and analog ground is very important, and the PCB must be
designed very carefully. With a single ground plane, there is no concern regarding where two grounds are tied
together, and it makes the PCB design easier. Here, TI recommends using a single ground plane.
In these sections, digital ground is denoted as DGND; analog ground is denoted as AGND; a single ground
plane is denoted as SGND.
11.2 3.3-V Supply Pins
+3.3 V bias normally is produced by a LDO or Buck converter. +5 V (or +12 V) normally are generated by
a flyback converter and it is referenced to the Power Return. A 10 µF capacitor is locally used for LDO or
buck between +3.3 V and Power RTN node. From there, use a single plane (SGND) for both digital ground
and analog ground. A 1Ω resistor is needed between V33D and V33A. V33D and V33DIO should be shorted
externally if they are available and have a wider trace or preferably through its own power plane to connect
them. As an example, a 4.7-µF decoupling capacitor is used for V33A and V33D respectively and these
decoupling capacitors should be placed close to the device pins. In addition, a 10nF capacitor is used for V33A,
V33D and V33DIO respectively to filter out the high frequency noise and placed as close to the pin as possible,
for example the distance is less than 25mils from the capacitor to the pin V33D (or V33DIO) and from the
capacitor to the pin DGND. 10 nF uses smaller package such as 0402 and low ESR capacitor. Refer to the
Layout section. There should not be any voltage delta between the DGND pins and AGND pins. Multiple vias
are required to connect the extended power pad (for example, copper plane under the device power pad) to
the internal single ground (SGND) plane layer. All digital and analog ground pins are directly connected to the
extended power pad and connected to the internal SGND plane through vias.
11.3 Recommendation for V33 Ramp up Slew Rate for UCD3138 and UCD3138064
UCD3138 and UCD3138064 need a 2.2-µF pullup capacitor from BP18 to V33 as described before. Capacitors
with a value of 2.2 µF and 1 µF create a capacitor divider which pull BP18 up as V33 rises. Ensure that as V33
rises, the slew rate is not fast enough to cause BP18 to overshoot, resulting in a reliability issue. TI requires that
the maximum voltage of BP18 does not exceed 1.95 V. By calculation, if V33 ramps up linearly, the maximum
V33 slew rate should be less than 6 V/ms.
Also, the internal BP18 regulator is enabled when V33 is higher than VGH and POR is activated. V33 charges the
capacitor of BP18 through the internal regulator. This charge causes a voltage dip in the V33 pin as shown in
Figure 11-1 and the charge may trigger a V33 undervoltage (POR) event, causing a chip reset. To prevent POR
trigger signal oscillation and successive chip resets, TI recommends a minimum slew rate of 2.6 V/ms.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
68
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com