Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7232RTJTG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # UCD7232RTJTG4
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD7232RTJTG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD7232RTJTG4 Datasheet HTML 17Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 18Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 19Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 20Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 21Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 22Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 23Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 24Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
UCD7232
www.ti.com
SLUSAH3
– MAY 2011
INPUT AND OUTPUT CAPACITORS
At the drain of the high-side FET, current is drawn in fast, brief, rectangular pulses. It is important to provide low
impedance, high frequency energy storage right at the drain of the FET. For this 20A power stage, two 22
µF,
16V or 25V ceramic capacitors are recommended. C1 and C2 should be placed as close to the drain of Q1 as
possible. The ground side of the capacitors should be connected as close as possible to the source lead of Q2. If
designing a multiphase power supply, these capacitors should be present at each power stage. Bulk input
bypass capacitance may also be required to minimize voltage variations during transient loads. This bulk
capacitance is not shown on Figure 7, but it is typically required. Bulk capacitance can be shared among multiple
power stages.
The inductor ripple current must be absorbed by the output capacitors. The ripple current is triangular in shape
and contains significant energy at the switching frequency and its harmonics. To keep the ripple voltage
amplitude to a minimum, low ESR and low ESL capacitors must be used. Multilayer ceramic capacitors are ideal
devices. While bulk capacitance is also required to provide energy storage during transient events, the bulk
capacitors do not typically handle much ripple current because their higher ESL and ESR make them look
inductive at the ripple frequencies.
The output ripple voltage is directly proportional to the inductor ripple current. The inductor ripple current varies
widely with input voltage and duty cycle. That makes it difficult to come up with a one-size-fits-all
recommendation for the proper amount of ceramic output capacitance. A good starting point is approximately
100
µF. In this design two 47µF capacitors are used (C7 and C8). These capacitors should be placed close to the
inductor, L1, and the ground side of these caps should be connected as close as possible to the source lead of
the low-side FET, Q2.
Bulk capacitance is used not only for short term transient energy storage, but also as a frequency response
tailoring element in the power supply feedback loop. Several hundred microfarads, at a minimum, are commonly
used in a power stage of this current capability. In this example, 330
µF is being used (C9). More capacitance
may be required depending on the transient response requirements of the load.
BYPASS AND BOOTSTRAP CAPACITORS
In this design, the bypass capacitors on BP3 (C12), VGG (C4), and the bootstrap capacitor (C3) use the
recommended values. A high frequency 0.1
µF bypass capacitor, C11, has also been added at the Vin pin of the
UCD7232. This cap attenuates the high frequency noise that is present on the Vin rail. It should be placed as
close as possible to pin 16 and connect to analog ground with a short, direct trace.
LAYOUT RECOMMENDATIONS
Proper component placement and trace routing can have a significant impact on overall power stage efficiency
and reduce noise coupling into nearby circuits. The following are some key layout considerations.
•
Locate the driver as close as possible to the power FETs, but do not place it directly under either FET. The
driver is a power device and needs its own thermal cooling path. Clustering multiple hot parts too close
together can increase the risk of excessive temperature rise and potentially cause a thermal shutdown event.
•
Locate the VGG bypass and bootstrap capacitors as close as possible to the driver.
•
Pay special attention to the GND trace. The ground side of the input bypass capacitors, the ground side of
the output capacitors, the low-side FET source leads, and the PGND connection to the driver should
connected together in a tight
“single point” ground, using wide, low inductance traces and few, if any vias.
Use of a ground plane is strongly encouraged.
•
Connect the power-pad on the bottom of the driver to analog ground. The power-pad is not intended to be a
high current carrying connection. The analog ground and power ground should be connected together at one
point, near the AGND pin. Care should be taken to insure that heavy currents are not pulled through the
analog ground traces.
•
The switching node trace should be kept short and compact. This is the noisiest node in the system with high
dV/dt slew rates.
•
Use wide traces for the HS Gate and LS Gate signals closely following the associated switching node and
ground traces. Use 0.050
” to 0.080” (1.27 to 2.03 mm) wide traces if possible. Use at least two vias if the gate
drive trace has to be routed from one layer to another.
•
Keep the low level input and output traces away from the switching node. The high dV/dt signal present there
can induce significant noise into the relatively high impedance nodes. Pay particular attention to the routing of
the CSP and CSN traces.
Copyright
© 2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com