Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7232RTJTG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCD7232RTJTG4
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD7232RTJTG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCD7232RTJTG4 Datasheet HTML 1Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 2Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 3Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 4Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 5Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 6Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 7Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 8Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
PARAMETER
UNIT
MIN
MAX
Supply voltage, VIN
–0.3
16
V
VBST DC
–0.3
23
VBST Pulse (VSWat 20V < 400ns)
–0.3
27
Bootstrap voltage
V
VBST Pulse (VSWat 22V < 64ns)
–0.3
29
VBST Pulse (VSWat 30V < 16ns)
–0.3
37
Gate drive supply voltage
VGG (Externally supplied)
–0.3
7
V
HS Gate
– SW
–0.3
7
Output gate drive voltage
V
LS Gate
PGND
– 0.3
VGG+0.3
VSW DC
–1
16
VSW Pulse < 400 ns, E = 20 µJ
–2
20
Switch node voltage
V
VSW Pulse < 64 ns
–5
22
VSW Pulse < 16 ns
–10
30
CSP, CSN, RDLY
–0.3
5.6
Analog inputs
ILIM
–0.3
3.6
V
HS Sense
–0.3
16
PWM, SRE, SRE Mode
–0.3
5.6
Digital inputs
V
VGG DIS
–0.3
3.6
Analog outputs
IMON
–0.3
3.6
V
Digital outputs
FLT
–0.3
3.6
V
Human body model
2000
ESD Rating
V
Charged device model
500
Operating ambient temperature, TA
–40
125
°C
Operating junction temperature, TJ
–40
150
°C
Storage temperature, TSTG
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect to AGND. Currents
are positive into, negative out of the specified terminal. Consult company packaging information for thermal limitations and
considerations of packages.
THERMAL INFORMATION
UCD7232
THERMAL METRIC(1)
UNITS
RTJ (20 PINS)
θJA
Junction-to-ambient thermal resistance
38.2
θJCtop
Junction-to-case (top) thermal resistance
34.4
θJB
Junction-to-board thermal resistance
15.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
15.7
θJCbot
Junction-to-case (bottom) thermal resistance
5.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com