Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRM01 Datasheet(PDF) 11 Page - rfsolutions.ltd

Part # BRM01
Description  2.4GHZ BLUETOOTH TRANSCEIVER MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

BRM01 Datasheet(HTML) 11 Page - rfsolutions.ltd

Back Button BRM01 Datasheet HTML 6Page - rfsolutions.ltd BRM01 Datasheet HTML 7Page - rfsolutions.ltd BRM01 Datasheet HTML 8Page - rfsolutions.ltd BRM01 Datasheet HTML 9Page - rfsolutions.ltd BRM01 Datasheet HTML 10Page - rfsolutions.ltd BRM01 Datasheet HTML 11Page - rfsolutions.ltd BRM01 Datasheet HTML 12Page - rfsolutions.ltd BRM01 Datasheet HTML 13Page - rfsolutions.ltd BRM01 Datasheet HTML 14Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS360-5 March 04
©2004 Reg. No. 227 4001, England
Page 11
2.4GHZ BLUETOOTH TRANSCEIVER MODULE
BRM01
Command Line Menu
The command line menu provides a simple menu driven interface to most features of the BRM. The menu is
built into the BRM and hence only requires a serial terminal connected to the host interface. This could be
one of the many available emulators for the PC such as HyperTerminal which is readily available.
The required HyperTerminal properties are shown below:
The CLM is initiated as follows:
•
Enable Enhanced mode by fitting Jumper J1 (or /J1 mode input low) and Press the Learn/CLM button (or
toggle /CLM input low).
The Command Line Main Menu is shown below:
C
CL
LM
M V
V0
0.
.2
29
9 -
- c
co
oh
he
er
re
en
nc
ce
eR
RF
F -
- '
'E
Ex
xp
pe
er
rt
ti
is
se
e i
in
n W
Wi
ir
re
el
le
es
ss
s D
De
es
si
ig
gn
n'
'
B
BR
RM
M:
:0
00
01
1
-
- 0
0x
x0
00
00
02
2C
C7
7A
A0
06
63
3E
E2
2
M
Me
en
nu
u 0
0 (
(M
Ma
ai
in
n)
)
C
Ch
ho
oo
os
se
e a
an
n o
op
pt
ti
io
on
n:
:
1
1 =
= S
Se
et
tt
ti
in
ng
gs
s
2
2 =
= D
De
ev
vi
ic
ce
es
s
3
3 =
= S
Se
ec
cu
ur
ri
it
ty
y
4
4 =
= D
De
eb
bu
ug
g
E
ES
SC
C =
= Q
Qu
ui
it
t
>
>1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com