Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRM01 Datasheet(PDF) 13 Page - rfsolutions.ltd

Part # BRM01
Description  2.4GHZ BLUETOOTH TRANSCEIVER MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

BRM01 Datasheet(HTML) 13 Page - rfsolutions.ltd

Back Button BRM01 Datasheet HTML 6Page - rfsolutions.ltd BRM01 Datasheet HTML 7Page - rfsolutions.ltd BRM01 Datasheet HTML 8Page - rfsolutions.ltd BRM01 Datasheet HTML 9Page - rfsolutions.ltd BRM01 Datasheet HTML 10Page - rfsolutions.ltd BRM01 Datasheet HTML 11Page - rfsolutions.ltd BRM01 Datasheet HTML 12Page - rfsolutions.ltd BRM01 Datasheet HTML 13Page - rfsolutions.ltd BRM01 Datasheet HTML 14Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DS360-5 March 04
©2004 Reg. No. 227 4001, England
Page 13
2.4GHZ BLUETOOTH TRANSCEIVER MODULE
BRM01
C
CL
LM
M V
V0
0.
.2
29
9 -
- c
co
oh
he
er
re
en
nc
ce
eR
RF
F -
- '
'E
Ex
xp
pe
er
rt
ti
is
se
e i
in
n W
Wi
ir
re
el
le
es
ss
s D
De
es
si
ig
gn
n'
'
B
BR
RM
M:
:0
00
01
1
-
- 0
0x
x0
00
00
02
2C
C7
7A
A0
06
63
3E
E2
2
D
De
ev
vi
ic
ce
e L
Li
is
st
t.
..
..
.
I
Id
d
A
Ad
dd
dr
re
es
ss
s
N
Na
am
me
e
0
00
0
0
00
00
02
2C
C7
7A
A0
04
48
8F
F0
0
N
No
ot
t F
Fo
ou
un
nd
d
0
01
1
0
00
00
02
2C
C7
7A
A0
04
4F
F5
50
0
Z
Zo
on
ne
e1
1 T
Te
em
mp
p
2
2 =
= R
Re
em
mo
ov
ve
e
3
3 =
= A
Ad
dd
d
E
ES
SC
C =
= B
Ba
ac
ck
k
>
>2
2
Option ‘1’ Lists the remote BRM devices currently stored in memory and displays the local name if the device
is within range.
Option ‘2’ Allows a device to be removed from memory as shown below:
Option ‘3’ Allows a device to be added to memory and its index to be defined as shown below:
C
CL
LM
M V
V0
0.
.2
29
9 -
- c
co
oh
he
er
re
en
nc
ce
eR
RF
F -
- '
'E
Ex
xp
pe
er
rt
ti
is
se
e i
in
n W
Wi
ir
re
el
le
es
ss
s D
De
es
si
ig
gn
n'
'
B
BR
RM
M:
:0
00
01
1
-
- 0
0x
x0
00
00
02
2C
C7
7A
A0
06
63
3E
E2
2
D
De
ev
vi
ic
ce
e L
Li
is
st
t.
..
..
.
I
Id
d
A
Ad
dd
dr
re
es
ss
s
N
Na
am
me
e
0
00
0
0
00
00
02
2C
C7
7A
A0
04
48
8F
F0
0
N
No
ot
t F
Fo
ou
un
nd
d
0
01
1
0
00
00
02
2C
C7
7A
A0
04
4F
F5
50
0
Z
Zo
on
ne
e1
1 T
Te
em
mp
p
2
2 =
= R
Re
em
mo
ov
ve
e
3
3 =
= A
Ad
dd
d
E
ES
SC
C =
= B
Ba
ac
ck
k
>
>E
En
nt
te
er
r D
De
ev
vi
ic
ce
e A
Ad
dd
dr
re
es
ss
s (
(0
0-
-9
9,A
A-
-F
F)
):
: 0
01
12
23
34
45
56
67
78
89
9A
AB
BC
C S
St
to
or
re
e a
at
t i
in
nd
de
ex
x (
(0
00
0-
-1
1F
F)
):
:
C
CL
LM
M V
V0
0.
.2
29
9 -
- c
co
oh
he
er
re
en
nc
ce
eR
RF
F -
- '
'E
Ex
xp
pe
er
rt
ti
is
se
e i
in
n W
Wi
ir
re
el
le
es
ss
s D
De
es
si
ig
gn
n'
'
B
BR
RM
M:
:0
00
01
1
-
- 0
0x
x0
00
00
02
2C
C7
7A
A0
06
63
3E
E2
2
D
De
ev
vi
ic
ce
e L
Li
is
st
t.
..
..
.
I
Id
d
A
Ad
dd
dr
re
es
ss
s
N
Na
am
me
e
0
00
0
0
00
00
02
2C
C7
7A
A0
04
48
8F
F0
0
N
No
ot
t F
Fo
ou
un
nd
d
0
01
1
0
00
00
02
2C
C7
7A
A0
04
4F
F5
50
0
Z
Zo
on
ne
e1
1 T
Te
em
mp
p
2
2 =
= R
Re
em
mo
ov
ve
e
3
3 =
= A
Ad
dd
d
E
ES
SC
C =
= B
Ba
ac
ck
k
>
>R
Re
em
mo
ov
ve
e W
Wh
hi
ic
ch
h D
De
ev
vi
ic
ce
e?
? (
(0
00
0-
-1
1F
F)
):
:0
01
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com