Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTF3-XXX Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # FM-RTF3-XXX
Description  FM SIL TRANSMITTER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTF3-XXX Datasheet(HTML) 3 Page - rfsolutions.ltd

  FM-RTF3-XXX Datasheet HTML 1Page - rfsolutions.ltd FM-RTF3-XXX Datasheet HTML 2Page - rfsolutions.ltd FM-RTF3-XXX Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS059_2 Jul ‘01
©2001 Reg. No. 227 4001, ENGLAND
Page 3
FM SIL TRANSMITTER MODULE
FM-RTF3-XXX
Technical Specifications
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage
2.7
14
VDC
Supply Current (Vcc = 5V, IN=1KHz Square Wave)
8
mA
Frequency Deviation
50
KHz
RF Output into 50
Ω (Vcc=5V)
7
dBm
Harmonic Spurious Emissions
-50
dBc
Input High Voltage
2.5
Vcc
V
Time from Power on to data valid
200
µS
Max Data Rate
9.6
KHz
Operating Temperature
-25
+80
°C
Part Numbering
Part Number
Description
FM-RFT3-315
SIL FM Transmitter Module 315 MHz (Future Product)
FM-RFT3-433
SIL FM Transmitter Module 433 MHz
For more information or general enquiries, please contact our official UK distributor;
RF Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL. England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
All Trademarks acknowledged and remain the property of the respected owners
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such
information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com