Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTF3-XXX Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # FM-RTF3-XXX
Description  FM SIL TRANSMITTER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTF3-XXX Datasheet(HTML) 1 Page - rfsolutions.ltd

  FM-RTF3-XXX Datasheet HTML 1Page - rfsolutions.ltd FM-RTF3-XXX Datasheet HTML 2Page - rfsolutions.ltd FM-RTF3-XXX Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS059_2 Jul ‘01
©2001 Reg. No. 227 4001, ENGLAND
Page 1
FM SIL TRANSMITTER MODULE
FM-RTF3-XXX
FM Radio Transmitter
Transmit Range Up To 250m
CMOS/TTL Input
SIL Package
No Adjustable Components
Very Stable Operating Frequency
Low Current Consumption (Typ 8mA)
Wide Operating Voltage (2.7-14V)
Available As 315, 418 Or 433MHz
Compatible With RF Solutions FM Receivers
Applications
Wireless Security Systems
Car Alarms
Remote Gate Controls
Remote Sensing
Data Capture
Sensor Reporting
Description
The R F Solutions Ltd. FM hybrid transmitter module provides a complete RF transmitter which can be used to
transmit data at up to 9.6KHz from any standard CMOS/TTL source.
The module is very simple to operate and offers low current consumption (typ. 8mA). Data can be supplied
directly from a microprocessor or encoding device, thus keeping the component count down and ensuring a
low hardware cost.
The module exhibits extremely stable electronic characteristics due to the use of ‘Thick-Film’ hybrid technology,
which uses no adjustable components and ensures very reliable operation.
The modules are compatible with R F solutions Ltd. range of FM receivers to provide a complete solution.
Circuit Schematic
External
Antenna
Data In
VCC


Similar Part No. - FM-RTF3-XXX

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-RTFQ1 RFSOLUTIONS-FM-RTFQ1 Datasheet
750Kb / 8P
FM Transmitter & Receiver Hybrid Modules
FM-RTFQ1-315 RFSOLUTIONS-FM-RTFQ1-315 Datasheet
422Kb / 6P
FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-RTFQ1-433 RFSOLUTIONS-FM-RTFQ1-433 Datasheet
422Kb / 6P
FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-RTFQ1-433P RFSOLUTIONS-FM-RTFQ1-433P Datasheet
750Kb / 8P
FM Transmitter & Receiver Hybrid Modules
More results

Similar Description - FM-RTF3-XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
FM Narrow Band VHF Transmitter Module
MKT5 ETC2-MKT5 Datasheet
235Kb / 5P
FM Transmitter Module
logo
rfsolutions.ltd
FM-RRF1 RFSOLUTIONS-FM-RRF1 Datasheet
745Kb / 3P
FM SIL RECEIVER MODULE
logo
Radiometrix Ltd
KTX2 RADIOMETRIX-KTX2 Datasheet
234Kb / 8P
UHF FM Code-Hopping Data Transmitter Module
logo
Texas Instruments
SN761634 TI-SN761634 Datasheet
419Kb / 20P
FM STEREO TRANSMITTER
logo
Radiometrix Ltd
KTX2 RADIOMETRIX-KTX2_12 Datasheet
395Kb / 8P
UHF FM Code-Hopping Data Transmitter Module
logo
Texas Instruments
SN761634 TI1-SN761634_13 Datasheet
273Kb / 20P
FM STEREO TRANSMITTER
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
UHF FM Data Transmitter Module
logo
List of Unclassifed Man...
BH1417 ETC-BH1417 Datasheet
290Kb / 4P
BH1417 FM Transmitter
logo
Beken Corporation
BK1085 BEKEN-BK1085 Datasheet
1Mb / 20P
FM STEREO TRANSMITTER
Rev.1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com