Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTFQ1-868 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # FM-RTFQ1-868
Description  FM TRANSMITTER & RECEIVER HYBRID MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ1-868 Datasheet(HTML) 2 Page - rfsolutions.ltd

  FM-RTFQ1-868 Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS069-8 Aug 07
©2007 Reg. No. 227 4001, England
Page 2
FM TRANSMITTER & RECEIVER
HYBRID MODULES.
FM-RTFQ SERIES
FM-RRFQ SERIES
Transmitters
There are three versions of transmitter:
RTFQ1;
A dual in line package operating at 3.3V. This provides the most rugged mechanical
fixing to the host PCB. Power down mode is also available.
RTFQ1 SM:
A dual in line surface mount package operating at 3.3V. This provides the quickest and
most efficient mechanical fixing to the host PCB. Currently only available in 433MHz.
RTFQ2;
A Single in Line Package incorporating a voltage regulator for 3-12V operation.
Compatible with many other RF transmitter module footprints available.
Transmitter Block Diagram
Part Numbering
Part Number
Description
FM-RTFQ1-315
DIL FM Transmitter Module 315 MHz
FM-RTFQ1-433
DIL FM Transmitter Module 433.92 MHz
FM-RTFQ1-868
DIL FM Transmitter Module 868.35 MHz
FM-RTFQ2-433R
SIL FM Transmitter Module 433.92 MHz 3-12V I/P
FM-RTFQ2-868R
SIL FM Transmitter Module 868.35 MHz 3-12V I/P
FM-RTFQ1-433SM
Surface Mount FM Transmitter 433.92 MHz
Receivers
There are two versions of receiver:
RRFQ1:
A Single in Line Package with sleep / Power down mode.
RRFQ2:
A Single in Line Package, pin compatible with many other receivers
Receiver Block Diagram
Part Numbering
Part Number
Description
FM-RRFQ1-315
SIL FM Receiver Module 315 MHz
FM-RRFQ1-433
SIL FM Receiver Module 433.92 MHz
FM-RRFQ1-868
SIL FM Receiver Module 868.35 MHz
FM-RRFQ2-433
SIL FM Receiver Module 433.92 MHz
FM-RRFQ2-868
SIL FM Receiver Module 868.35 MHz
XTAL
XTAL
Oscillator
PLL
Synthesizer
Power Amp
In
En
Out
GND
GND
Vcc
GND
Pre Amp
Filter
Out
Mixer
10.7MHz
IF Filter
FM
Demodulator
Comparator
PLL
Synthesizer
Vcc
In



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com