Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTFQ1-868 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # FM-RTFQ1-868
Description  FM TRANSMITTER & RECEIVER HYBRID MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ1-868 Datasheet(HTML) 3 Page - rfsolutions.ltd

  FM-RTFQ1-868 Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ1-868 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS069-8 Aug 07
©2007 Reg. No. 227 4001, England
Page 3
FM TRANSMITTER & RECEIVER
HYBRID MODULES.
FM-RTFQ SERIES
FM-RRFQ SERIES
RTFQ1 Mechanical Dimensions
RTFQ1 SMT Dimensions
RTFQ2 Mechanical Dimensions
Pin Description
RTFQ1
RTFQ2
Name
Description
1
N/A
En
Enable (active high)
2
5
IN
Data input
3
1
GND
Ground, Connect to RF earth return path
4
3
Vcc
Supply Voltage
5
4
GND
Ground, Connect to RF earth return path
6
2
EA
External Antenna
Technical Specifications
Electrical Characteristics
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage RTFQ1
2.1
3.3
4.00
V
Supply Voltage RTFQ2
2.5
12.00
V
Supply Current
7
8
mA
Standby Current (IN = EN = Low)
100
nA
Frequency
315.0
433.92
868.35
MHz
RF Output into 50Ω (Vcc=3.3V)
+5 / +5 / +1
dBm
Initial Frequency Accuracy
-35
0
+35
KHz
FM Deviation
25
30
35
KHz
Harmonic Spurious Emissions
-50
dBc
Input High Voltage RTFQ1
1.5
Vcc
V
Input High Voltage RTFQ2
1.5
5.5
V
Power up Time (En to full RF)
1
mS
Power up Time (Power on to full RF)
5
mS
Max Data Rate
9.6
KHz
Operating Temperature
-25
+80
°C
1
2
3
Top View
(Components
Underneath)
20.32mm
11.43mm
PCB Layout Requirements
6
5
4
5.08mm
2.54mm
20mm
Module Thickness 2mm
Pins on "0.1 pitch
Pin Dimensions :
0.25mm x 0.50mm
30.48mm
10.67mm
PCB Layout Requirements
Module Thickness 2mm
Pins on "0.1 pitch
Pin Dimensions :
0.25mm x 0.50mm
RTFQ2
1 2
3 4 5
1mm
20.32mm
2.54
2.54 spacing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com