Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RX2-418A-5V Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # FM-RX2-418A-5V
Description  FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RX2-418A-5V Datasheet(HTML) 4 Page - rfsolutions.ltd

  FM-RX2-418A-5V Datasheet HTML 1Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 2Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 3Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 4Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 5Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 6Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 7Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 8Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DS000022
Rev D
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 4
FM TRANSMITTER & RECEIVER
FM-TX2-XXX
MODULES. (2ND GENERATION)
FM-RX2-XXX
Absolute Maximums:
Operating temperature:
-10
°C to +55°C
Storage temperature
:
-40
°C to +100°C
TX2, all variants
Vcc (pin 3)
-0.1V to +10.0V
Data input (pin 5)
-0.1V to +10.0V
RF out (pin 2)
±50V @ < 10MHz , +20dBm @ > 10MHz
RX2, all variants
Vcc (pin 5)
-0.1V to +10.0V
Data , CD & AF (pin 7,3,6)
-0.1V to + Vcc V
RF input (pin 1)
±50V @ < 10MHz , +13dBm @ > 10MHz
note: Operation of the TX2 above 6V may cause the module to exceed the licensed
power level.
Electrical Performance: TX2 transmitter
pin
min.
typ.
max.
units
notes
DC LEVELS
supply voltage
3
2.2
3.0
4.0
V
-3V version
supply voltage
3
4.0
5.0
6.0
V
-5V version
CURRENT & RF POWER
TX2-418-3V
supply current @ Vcc = 3V
3
4
6
10
mA
RF power
@ Vcc = 3V
2
-7
-3
+3
dBm
1
TX2-418-5V
supply current @ Vcc = 5V
3
4
6
10
mA
RF power
@ Vcc = 5V
2
-7
-3
+3
dBm
1
TX2-433-3V
supply current @ Vcc = 3V
3
4
6
10
mA
RF power
@ Vcc = 3V
2
0
+4
+6
dBm
1
TX2-433-5V
supply current @ Vcc = 5V
3
7
10
14
mA
RF power
@ Vcc = 5V
2
+6
+9
+12
dBm
1
RF
2
nd harmonic
2
-
-65
-54
dBc
1
Harmonics @ > 1GHz
2
-
-50
-40
dBc
1
initial frequency accuracy
-
-30
0
+30
kHz
overall frequency accuracy
-
-70
-
+70
kHz
FM deviation (+/-)
-
20
25
30
kHz
Modulation bandwidth @ -3dB
-
DC
-
20
kHz
Modulation distortion (THD)
-
-
5
10
%
power up time to full RF
-
-
-
100
µs
note:
1. Measured into a 50
Ω load.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com