Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RX2-418A-5V Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # FM-RX2-418A-5V
Description  FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RX2-418A-5V Datasheet(HTML) 5 Page - rfsolutions.ltd

  FM-RX2-418A-5V Datasheet HTML 1Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 2Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 3Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 4Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 5Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 6Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 7Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 8Page - rfsolutions.ltd FM-RX2-418A-5V Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DS000022
Rev D
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 5
FM TRANSMITTER & RECEIVER
FM-TX2-XXX
MODULES. (2ND GENERATION)
FM-RX2-XXX
Electrical Performance: RX2 Receiver
Figures apply to 5V versions unless noted otherwise Vcc = 5.0V, temperature 20
°C unless noted otherwise
pin
min.
typ.
Max.
units
notes
DC LEVELS
supply voltage, Vcc standard
5
4.0
5.0
6.0
V
supply voltage, Vcc, 3V version
5
3.0
3.5
4.0
V
supply current
5
11
13
17
mA
supply ripple
5
-
-
2
mVP-P
1
data output high, 100
µA source
7
-
Vcc-0.6
-
V
data output low, 100
µA sink
7
-
0.4
-
V
load capacitance on AF / Data
6,7
-
-
100
pF
RF
RF sensitivity for 10dB (S+N)/N
1,6
-
-113
-107
dBm
-A version
RF sensitivity for 10dB (S+N)/N
1,6
-
-107
-100
dBm
-F version
RF sensitivity for 1ppm BER
1,6
-
-107
-100
dBm
-A version
RF sensitivity for 1ppm BER
1,6
-
-100
-93
dBm
-F version
CD threshold
1,3
-
-107
-97
dBm
-A version
CD threshold
1,3
-
100
-90
dBm
-F version
IF band width
-
-
250
-
kHz
initial frequency accuracy
1
-30
0
+30
kHz
E.M.C.
image rejection (2*FIF)
1
-
-50
-
dB
2
spurious responses upto 1GHz
1
-
-70
-
dB
2
LO leakage, conducted
1
-
-65
-
dBm
LO leakage, radiated
-
-
-70
-
dBm
AF BASE BAND
baseband bandwidth @ -3dB
6
0.006
-
7
kHz
-A version
baseband bandwidth @ -3dB
6
0.060
-
20
kHz
-F version
AF level
6
-
450
-
mVP-P
DC offset on AF
6
0.8
1.2
1.6
V
distortion on recovered AF
6
-
0.5
1
%
ultimate (S+N)/N
6
35
45
-
dB
DYNAMIC TIMING
Power up with signal present
power up to valid CD, TPU-CD
-
-
1
-
ms
power up to stable data, TPU-DAT
-
-
20
-
ms
-A version
power up to stable data, TPU-DAT
-
-
5
-
ms
-F version
Signal applied with supply on
signal to valid CD, TSIG-CD
-
-
0.5
-
ms
signal to stable data, TSIG-DAT
-
-
15
-
ms
signal to stable data, TSIG-DAT
-
-
3
-
ms
time between data transitions
7
15
-
0.07
ms
4,-A version
time between data transitions
7
1.5
-
0.025
ms
4,-F version
mark:space ratio
-
20
50
80
%
3
notes:
1. For 6dB (S+N)/N degradation on wanted -100dBm signal
2. Receiver spurious responses are at FRF
± (n×15.92MHz), n=1,2,3 etc.
3. Average over 30ms (-A), 3ms (-F) at maximum bit rate.
4. Values for 50:50 mark to space (i.e. square wave)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com