Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP0 Datasheet(PDF) 21 Page - Multicomp Pro

Part # NP0
Description  Automotive Multilayer Ceramic Capacitors 10 to 100V (NP0, X7R Dielectrics)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

NP0 Datasheet(HTML) 21 Page - Multicomp Pro

Back Button NP0 Datasheet HTML 17Page - Multicomp Pro NP0 Datasheet HTML 18Page - Multicomp Pro NP0 Datasheet HTML 19Page - Multicomp Pro NP0 Datasheet HTML 20Page - Multicomp Pro NP0 Datasheet HTML 21Page - Multicomp Pro NP0 Datasheet HTML 22Page - Multicomp Pro NP0 Datasheet HTML 23Page - Multicomp Pro NP0 Datasheet HTML 24Page - Multicomp Pro NP0 Datasheet HTML 25Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Page <21>
V1.0
24/12/22
Automotive Multilayer Ceramic Capacitors
10 to 100V (NP0, X7R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No AEC-Q200
Test Item
AEC-Q200 Test Condition
Requirements
Rated voltage
Insulation
Resistance
100V: All X7R;1210≥3.3μF
10GΩ or R × C
≥100Ω-F
whichever is
smaller.
50V: 0402>0.01μF;0603≥1μF;0805≥1μF;1206≥4.7μF;1210≥4.7μF
35V: 0603≥1μF;0805≥2.2μF;1206≥2.2μF;1210≥10μF
25V: 02010≥1uF;04020≥22μF;06032≥2μF;0805≥2.2μF;
1206≥10μF;1210≥10μF
16V: 02010≥1uF;04020≥22μF;0603≥1μF;0805≥2.2μF;
1206≥10μF;1210≥47μF
10V: 0201≥47nF;0402≥0.47μF;06030≥47μF;0805≥2.2μF;
1206≥4.7μF;1210≥47μF
6.3V; 4V; Size≥1812
Rated voltage
Insulation
Resistance
100V: 1210≥3.3μF
RxC≥50Ω-F.
50V: 0402≥0.1μF;0603≥2.2μF;0805≥10μF;1206≥10μF
35V: 0603≥1μF;
25V: 0201≥0.1μF;0402≥2.2μF;0603≥10μF;0805≥10μF;1206≥22μF
16V: 0603≥10μF;0402≥1μF;0201≥0.22μF
6.3V: 0201≥0.1μF;0402≥1μF;0603>4.7μF;0805≥47μF;1206≥10μF
4V: 0603≥22μF;0805≥47μF;1206≥100μF
16. Solderability
J-STD-002
JESD22-B102E
* Condition A
Un-mounted chips
4hrs / 155°C*dry then
completely immersed for
5±0.5 sec in solder bath
at 235±5°C.
* Condition B
Un-mounted chips steam
8 hrs then completely
immersed for 10±1sec in
solder bath at 215+5/-0°C.
* Condition C
Un-mounted chips steam
8 hrs then completely
immersed for 10±1 sec. in
solder bath at 260+0/-5°C.
All terminations shall exhibit a continuous solder coating free from
defects from a minimum of 95% of the critical surface area of any
individual termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com