Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS512
Description  KEELOQ짰 Code Hopping Decoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS512_02 Datasheet HTML 3Page - Microchip Technology HCS512_02 Datasheet HTML 4Page - Microchip Technology HCS512_02 Datasheet HTML 5Page - Microchip Technology HCS512_02 Datasheet HTML 6Page - Microchip Technology HCS512_02 Datasheet HTML 7Page - Microchip Technology HCS512_02 Datasheet HTML 8Page - Microchip Technology HCS512_02 Datasheet HTML 9Page - Microchip Technology HCS512_02 Datasheet HTML 10Page - Microchip Technology HCS512_02 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© 2002 Microchip Technology Inc.
DS40151D-page 7
HCS512
4.2
Validation of Codes
The decoder waits for a transmission and checks the
serial number to determine if the transmitter has been
learned. If learned, the decoder decrypts the encrypted
portion of the transmission using the crypt key. It uses
the discrimination bits to determine if the decryption
was valid. If everything up to this point is valid, the
synchronization value is evaluated.
4.3
Validation Steps
Validation consists of the following steps:
• Search EEPROM to find the Serial Number
Check Value Match
• Decrypt the Hopping Code
• Compare the 10 bits of discrimination value with
the lower 10 bits of serial number
• Check if the synchronization counter falls within
the first synchronization window.
• Check if the synchronization counter falls within
the second synchronization window.
• If a valid transmission is found, update the syn-
chronization counter, else use the next transmitter
block and repeat the tests.
FIGURE 4-2:
DECODER OPERATION
?
Transmission
Received
Does
Ser # Check Val
Match
?
Decrypt Transmission
Is
Decryption
Valid
?
Is
Counter
Within 16
?
Is
Counter
Within 32K
?
Update
Counter
Execute
Command
Save Counter
in Temp Location
Start
No
No
No
No
Yes
Yes
Yes
Yes
Yes
No
and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com