Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512 Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS512
Description  KEELOQ짰 Code Hopping Decoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS512_02 Datasheet HTML 5Page - Microchip Technology HCS512_02 Datasheet HTML 6Page - Microchip Technology HCS512_02 Datasheet HTML 7Page - Microchip Technology HCS512_02 Datasheet HTML 8Page - Microchip Technology HCS512_02 Datasheet HTML 9Page - Microchip Technology HCS512_02 Datasheet HTML 10Page - Microchip Technology HCS512_02 Datasheet HTML 11Page - Microchip Technology HCS512_02 Datasheet HTML 12Page - Microchip Technology HCS512_02 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2002 Microchip Technology Inc.
DS40151D-page 9
HCS512
5.0
INTEGRATING THE HCS512
INTO A SYSTEM
The HCS512 can act as a stand-alone decoder or be
interfaced to a microcontroller. Typical stand-alone
applications include garage door openers and elec-
tronic door locks. In stand-alone applications, the
HCS512 will handle learning, reception, decryption,
and validation of the received code; and generate the
appropriate output. For a garage door opener, the
HCS512 input will be connected to an RF receiver, and
the output, to a relay driver to connect a motor control-
ler.
Typical systems where the HCS512 will be connected
to a microcontroller include vehicle and home security
systems. The HCS512 input will be connected to an RF
receiver and the function outputs to the microcontroller.
The HCS512 will handle all the decoding functions and
the microcontroller, all the system functions. The Serial
Output mode with a 1- or 2-wire interface can be used
if the microcontroller is I/O limited.
6.0
DECODER PROGRAMMING
The PG306001 production programmer will allow easy
setup and programming of the configuration byte and
the manufacturer’s code.
6.1
Configuration Byte
The configuration byte is used to set system configura-
tion for the decoder. The LRN bits determine which
algorithm (Decrypt or XOR) is used for the key genera-
tion. SC_LRN determines whether normal learn (key
derived from serial number) or secure learn (key
derived from seed value) is used.
TABLE 6-1:
CONFIGURATION BYTE
TABLE 6-2:
LEARN METHOD LRN0, LRN1
DEFINITIONS
Bit
Name
Description
0
LRN0
Learn algorithm select
1
LRN1
Not used
2
SC_LRN
Secure Learn enable (1 = enabled)
3
SLEEP
SLEEP enable (1 = enabled)
4
RES1
Not used
5
RES2
Not used
6
RES3
Not used
7
RES4
Not used
LRN0
Description
0
Decrypt algorithm
1
XOR algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com