Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512-I/P Datasheet(PDF) 14 Page - Microchip Technology

Part # HCS512-I/P
Description  KEELOQ짰 Code Hopping Decoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512-I/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button HCS512-I/P Datasheet HTML 10Page - Microchip Technology HCS512-I/P Datasheet HTML 11Page - Microchip Technology HCS512-I/P Datasheet HTML 12Page - Microchip Technology HCS512-I/P Datasheet HTML 13Page - Microchip Technology HCS512-I/P Datasheet HTML 14Page - Microchip Technology HCS512-I/P Datasheet HTML 15Page - Microchip Technology HCS512-I/P Datasheet HTML 16Page - Microchip Technology HCS512-I/P Datasheet HTML 17Page - Microchip Technology HCS512-I/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
HCS512
DS40151D-page 14
© 2002 Microchip Technology Inc.
8.0
KEELOQ ENCODERS
8.1
Transmission Format (PWM)
The KEELOQ encoder transmission is made up of sev-
eral parts (Figure 8-1). Each transmission begins with
a preamble and a header, followed by the encrypted
and then the fixed data. The actual data is 66/69 bits
which consists of 32 bits of encrypted data and 34/37
bits of non-encrypted data.
Each transmission is fol-
lowed by a guard period before another transmission
can begin. The encrypted portion provides up to four
billion changing code combinations and includes the
button status bits (based on which buttons were acti-
vated) along with the synchronization counter value
and some discrimination bits. The non-encrypted por-
tion is comprised of the status bits, the function bits,
and the 28-bit serial number. The encrypted and non-
encrypted combined sections increase the number of
combinations to 7.38 x 1019.
8.2
Code Word Organization
The HCSXXX encoder transmits a 66/69-bit code word
when a button is pressed. The 66/69-bit word is con-
structed from an encryption portion and a non-
encrypted code portion (Figure 8-2).
The Encrypted Data is generated from four button bits,
two overflow counter bits, ten discrimination bits, and
the 16-bit synchronization value.
The Non-encrypted Data is made up from 2 status
bits, 4 function bits, and the 28/32-bit serial number.
FIGURE 8-1:
TRANSMISSION FORMAT (PWM)
FIGURE 8-2:
CODE WORD ORGANIZATION
LOGIC "1"
Guard
Time
50%
Encrypted
Portion
Fixed Code
Portion
LOGIC "0"
Preamble
Header
TE
TE
TE
10xTE
TBP
Repeat
(1-bit)
VLOW
(1-bit)
Button
Status
S2 S1 S0 S3
Serial Number
(28 bits)
Button
Status
S2 S1 S0 S3
OVR
(2 bits)
DISC
(10 bits)
Sync Counter
(16 bits)
Repeat
(1-bit)
VLOW
(1-bit)
Button
Status
1 1 1 1
Serial Number
(28 bits)
SEED
(32 bits)
34 bits of Fixed Portion
32 bits of Encrypted Portion
66 Data bits
Transmitted
LSb first.
LSb
MSb
MSb
LSb
SEED replaces Encrypted Portion when all button inputs are activated at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com