Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512-I/P Datasheet(PDF) 16 Page - Microchip Technology

Part # HCS512-I/P
Description  KEELOQ짰 Code Hopping Decoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512-I/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCS512-I/P Datasheet HTML 12Page - Microchip Technology HCS512-I/P Datasheet HTML 13Page - Microchip Technology HCS512-I/P Datasheet HTML 14Page - Microchip Technology HCS512-I/P Datasheet HTML 15Page - Microchip Technology HCS512-I/P Datasheet HTML 16Page - Microchip Technology HCS512-I/P Datasheet HTML 17Page - Microchip Technology HCS512-I/P Datasheet HTML 18Page - Microchip Technology HCS512-I/P Datasheet HTML 19Page - Microchip Technology HCS512-I/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
HCS512
DS40151D-page 16
© 2002 Microchip Technology Inc.
TABLE 9-1:
DC CHARACTERISTICS
TABLE 9-2:
AC CHARACTERISTICS
FIGURE 9-1:
RESET WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
Standard Operating Conditions (unless otherwise stated)
Operating temperature
Commercial (C):
0
°C ≤ TA ≤ +70°C for commercial
Industrial (I):
-40
°C ≤ TA ≤ +85°C for industrial
Symbol
Characteristic
Min
Typ(†)
Max
Units
Conditions
VDD
Supply Voltage
4.0
—6.0
V
VPOR
VDD start voltage to
ensure RESET
—VSS
—V
SVDD
VDD rise rate to
ensure RESET
0.05*
—
—
V/ms
IDD
Supply Current
—
—
1.8
7.3
15
4.5
10
32
mA
mA
µA
FOSC = 4 MHz, VDD = 5.5V
(During EEPROM programming)
In SLEEP mode
VIL
Input Low Voltage
VSS
—0.16 VDD
Vexcept MCLR = 0.2 VDD
VIH
Input High Voltage
0.48 VDD
—VDD
Vexcept MCLR = 0.85 VDD
VOL
Output Low Voltage
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V
VOH
Output High Voltage
VDD-0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
*
These parameters are characterized but not tested.
Note:
Negative current is defined as coming out of the pin.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
FOSC
Oscillator frequency
2.7
4
6.21
MHz
REXT = 10K, CEXT = 10 pF
TE
PWM elemental
pulse width
65
—
1080
µs
4.5V < VDD < 5.5V
Oscillator components tolerance < 6%.
130
—
1080
µs
3V < VDD < 6V
Oscillator components tolerance <10%
TOD
Output delay
70
90
115
ms
TA
Output activation time
322
500
740
ms
TRPT
REPEAT activation time
32
50
74
ms
TLRN
LRNIN
activation time
21
32
—
ms
TMCLR
MCLR
low time
150
—
—
ns
TOV
Time output valid
—
150
222
ms
*
These parameters are characterized but not tested.
VDD
MCLR
I/O Pins
TOV
TMCLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com