Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512T-/P Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS512T-/P
Description  KEELOQ짰 Code Hopping Decoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512T-/P Datasheet(HTML) 5 Page - Microchip Technology

  HCS512T-/P Datasheet HTML 1Page - Microchip Technology HCS512T-/P Datasheet HTML 2Page - Microchip Technology HCS512T-/P Datasheet HTML 3Page - Microchip Technology HCS512T-/P Datasheet HTML 4Page - Microchip Technology HCS512T-/P Datasheet HTML 5Page - Microchip Technology HCS512T-/P Datasheet HTML 6Page - Microchip Technology HCS512T-/P Datasheet HTML 7Page - Microchip Technology HCS512T-/P Datasheet HTML 8Page - Microchip Technology HCS512T-/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2002 Microchip Technology Inc.
DS40151D-page 5
HCS512
3.0
DESCRIPTION OF FUNCTIONS
3.1
Parallel Interface
The HCS512 activates the S3, S2, S1 & S0 outputs
when a new valid code is received. The outputs will be
activated for approximately 500 ms. If a repeated code
is received during this time, the output extends for
approximately 500 ms.
3.2
Serial Interface
The decoder has a PWM/Synchronous interface con-
nection to microcontrollers with limited I/O. An output
data stream is generated when a valid transmission is
received. The data stream consists of one START bit,
four function bits, one bit for battery status, one bit to
indicate a repeated transmission, two status bits, and
one STOP bit. (Table 3-1). The DATA and CLK lines are
used to send a synchronous event message.
A special status message is transmitted on the second
pass of learn. This allows the controlling microcontrol-
ler to determine if the learn was successful (Result = 1)
and if a previous transmitter was overwritten (Overwrite
= 1). The status message is shown in Figure 3-2.
Table 3-1 show the values for TX1:0 and the number of
transmitters learned.
TABLE 3-1:
STATUS BITS
FIGURE 3-1:
DATA OUTPUT FORMAT
FIGURE 3-2:
STATUS MESSAGE FORMAT
A 1-wire PWM or 2-wire synchronous interface can be used.
In 1-wire mode, the data is transmitted as a PWM signal with a basic pulse width of 400
µs.
In 2-wire mode, Synchronous mode PWM bits start on the rising edge of the clock, and the bits must be sampled on the
falling edge. The START bit is a ‘1’ and the STOP bit is ‘0’.
FIGURE 3-2:
PWM OUTPUT FORMAT(1)
Note:
The Decoder output PWM format logic (“1” / “0”) is reversed with respect of the Encoder modulation format.
TX1
TX0
Number of Transmitters
00
One
01
Two
10
Three
11
Four
START
S3S2S1S0
VLOW
TX1
TX0
STOP
REPEAT
START
0000
RESULT
TX1
TX0
STOP
OVRWR
S3
START
S2
S1
S0
VLOW
RPT
Reserved Reserved
STOP
1200
µs
CLK
DATA
LOGIC “1”
LOGIC “0”
600
µs
1200
µs
1/31/3 1/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com