Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512T-/P Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS512T-/P
Description  KEELOQ짰 Code Hopping Decoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512T-/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS512T-/P Datasheet HTML 11Page - Microchip Technology HCS512T-/P Datasheet HTML 12Page - Microchip Technology HCS512T-/P Datasheet HTML 13Page - Microchip Technology HCS512T-/P Datasheet HTML 14Page - Microchip Technology HCS512T-/P Datasheet HTML 15Page - Microchip Technology HCS512T-/P Datasheet HTML 16Page - Microchip Technology HCS512T-/P Datasheet HTML 17Page - Microchip Technology HCS512T-/P Datasheet HTML 18Page - Microchip Technology HCS512T-/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2002 Microchip Technology Inc.
DS40151D-page 15
HCS512
9.0
ELECTRICAL CHARACTERISTICS FOR HCS512
Absolute Maximum Ratings †
Ambient temperature under bias.............................................................................................................-55°C to +125°C
Storage temperature ...............................................................................................................................-65°C to +150°C
Voltage on any pin with respect to VSS (except VDD) ............................................................................ -0.6V to VDD +0.6V
Voltage on VDD with respect to Vss....................................................................................................................0 to +7.5V
Total power dissipation (Note 1) .......................................................................................................................... 800 mW
Maximum current out of VSS pin............................................................................................................................. 150 mA
Maximum current into VDD pin................................................................................................................................ 100 mA
Input clamp current, Iik (VI < 0 or VI > VDD) ............................................................................................................ ± 20 mA
Output clamp current, IOK (VO < 0 or VO >VDD) .................................................................................................... ± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 20 mA
Note:
Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD–VOH) x IOH} + ∑(VOl x IOL)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com