Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS24045 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS24045
Description  45 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS24045 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS24045 Datasheet HTML 1Page - STMicroelectronics STPS24045 Datasheet HTML 2Page - STMicroelectronics STPS24045 Datasheet HTML 3Page - STMicroelectronics STPS24045 Datasheet HTML 4Page - STMicroelectronics STPS24045 Datasheet HTML 5Page - STMicroelectronics STPS24045 Datasheet HTML 6Page - STMicroelectronics STPS24045 Datasheet HTML 7Page - STMicroelectronics STPS24045 Datasheet HTML 8Page - STMicroelectronics STPS24045 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A1
K1
A2
K2
ISOTOPTM
A2
K2
A1
K1
Features
Very small conduction losses
Extremely fast switching
Low thermal resistance
Insulated package ISOTOP™:
Insulated voltage: 2500 VRMS sine
Avalanche capability
ECOPACK®2 compliant
Applications
Switching diode
DC/DC converter
Industrial
Heavy duty application
Description
Dual power Schottky rectifier suited for SMPS and high frequency DC to DC
converters.
Packaged in ISOTOP™, the STPS24045 is especially intended for use in low
voltage, high frequency inverters, free wheeling and polarity protection applications.
Note:
ISOTOP™ is an ST trademark
Product status link
STPS24045
Product summary
IF(AV)
2 x 120 A
VRRM
45 V
VF (typ.)
0.52 V
Tj (max.)
150 °C
45 V power Schottky rectifier
STPS24045
Datasheet
DS0753 - Rev 4 - September 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS24045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS24045 STMICROELECTRONICS-STPS24045 Datasheet
49Kb / 4P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS24045 STMICROELECTRONICS-STPS24045 Datasheet
189Kb / 9P
45 V power Schottky rectifier
17-Sep-2018
STPS24045TV STMICROELECTRONICS-STPS24045TV Datasheet
49Kb / 4P
POWER SCHOTTKY RECTIFIER
Sep-1999
logo
Microsemi Corporation
STPS24045TV MICROSEMI-STPS24045TV Datasheet
135Kb / 2P
2 X 160A SCHOTTKY BARRIER RECTIFIER
logo
STMicroelectronics
STPS24045TV STMICROELECTRONICS-STPS24045TV Datasheet
189Kb / 9P
45 V power Schottky rectifier
17-Sep-2018
More results

Similar Description - STPS24045

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR4045CTJ SSDI-SSR4045CTJ Datasheet
127Kb / 2P
30A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
80A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR1645CTJ SSDI-SSR1645CTJ Datasheet
34Kb / 2P
16A 45 V SCHOTTKY RECTIFIER
logo
Sirectifier Global Corp...
SB1045 SIRECT-SB1045 Datasheet
184Kb / 3P
Power Schottky Rectifier - 10Amp 45~200Volt
SB1045FC SIRECT-SB1045FC Datasheet
165Kb / 3P
Power Schottky Rectifier - 10Amp 45~200Volt
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
Power Schottky Rectifier - 15Amp 45~200Volt
SB2045R SIRECT-SB2045R Datasheet
184Kb / 3P
Power Schottky Rectifier - 20Amp 45~200Volt
logo
STMicroelectronics
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
STPS1045SFY STMICROELECTRONICS-STPS1045SFY Datasheet
473Kb / 11P
Automotive 45 V power Schottky rectifier
DS12668 - Rev 1 - August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com