Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30150CW Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPS30150CW
Description  High voltage power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30150CW Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPS30150CW Datasheet HTML 8Page - STMicroelectronics STPS30150CW Datasheet HTML 9Page - STMicroelectronics STPS30150CW Datasheet HTML 10Page - STMicroelectronics STPS30150CW Datasheet HTML 11Page - STMicroelectronics STPS30150CW Datasheet HTML 12Page - STMicroelectronics STPS30150CW Datasheet HTML 13Page - STMicroelectronics STPS30150CW Datasheet HTML 14Page - STMicroelectronics STPS30150CW Datasheet HTML 15Page - STMicroelectronics STPS30150CW Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STPS30150C
Ordering information
DocID7757 Rev 9
15/16
3
Ordering information
Table 9: Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS30150CT
STPS30150CT
TO-220AB
1.95g
50
Tube
STPS30150CFP
STPS30150CFP
TO-220FPAB
1.9g
50
Tube
STPS30150CW
STPS30150CW
TO-247
4.4g
30
Tube
STPS30150CG-TR
STPS30150CG
D2PAK
1.38g
1000
Tape and reel
4
Revision history
Table 10: Document revision history
Date
Revision
Changes
Feb-2004
7
Previous release
26-Nov-2010
8
Added ECOPACK statement. Corrected package name in Figure 12.
16-May-2017
9
Updated features and package silhouettes in cover page.
Updated Section 1: "Characteristics", Section 1.1: "Characteristics
(curves)", Section 2: "Package information" and Section 3: "Ordering
information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com