Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30150CW Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30150CW
Description  High voltage power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30150CW Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30150CW Datasheet HTML 1Page - STMicroelectronics STPS30150CW Datasheet HTML 2Page - STMicroelectronics STPS30150CW Datasheet HTML 3Page - STMicroelectronics STPS30150CW Datasheet HTML 4Page - STMicroelectronics STPS30150CW Datasheet HTML 5Page - STMicroelectronics STPS30150CW Datasheet HTML 6Page - STMicroelectronics STPS30150CW Datasheet HTML 7Page - STMicroelectronics STPS30150CW Datasheet HTML 8Page - STMicroelectronics STPS30150CW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Characteristics
STPS30150C
4/16
DocID7757 Rev 9
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus ambient
temperature (δ = 0.5, per diode)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AB,
D²PAK, TO-247)
Figure 5: Relative variation of thermal impedance
junction to case versus pulse duration (TO-
220FPAB)
Figure 6: Reverse leakage current versus reverse
voltage applied (typical values, per diode)
0
1
2
3
4
5
67
8
9
10
11
12
13
14
15
16
17
18
0
2
4
6
8
10
12
14
δ = 0.05
δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
P
(W)
F(AV)
I
(A)
F(AV)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
Rth(j-a)=Rth(j-c)
TO-220FP
TO-220AB / TO-247 / D PAK
2
T
δ=tp/T
tp
I
(A)
F(AV)
T
(°C)
amb
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Z
/R
th(j-c)
th(j-c)
t (s)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-0 3
1.E-0 2
1.E-0 1
1.E+0 0
1.E+01
t (s)
p
Z
/R
th(j-c )
th(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
0
25
50
75
100
125
150
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
Tj=125°C
Tj=25°C
Tj=150°C
Tj=100°C
Tj=175°C
I (µA)
R
V (V)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com