Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS24T48-12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS24T48-12
Description  24 WDC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS24T48-12 Datasheet(HTML) 1 Page - STMicroelectronics

  GS24T48-12 Datasheet HTML 1Page - STMicroelectronics GS24T48-12 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS24T48-12
24 W DC-DC CONVERTER
December 1993
1/2
Type
Vin
Vout
Iout
GS24T48-12
36 to 72 V
12 V
2 A
DESCRIPTION
The GS24T48-12 is a 24W DC-DC converter de-
signed to provide a 12V/2A isolated power source.
The module features a wide input voltage range (36
to 72V), low reflected input currend and short-circuit
protection.
ELECTRICAL CHARACTERISTICS (Tamb.=25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo= 12V
Io= 0.1 to 2A
36
48
72
V
li
Input Current
Vi = 48V
Vo = 12V
Io = 2A
0.58
0.60
A
Iir
Input Reflected
Current
Vi= 48V
Vo= 12V
Io= 2A
90
120
mApp
Iiinr
Input Inrush Current
Vi= 48V
Vo= 12V
Io= 2A
1822Ap
lisc
Input Shortcircuit
Current
Vi = 48V
Vo = 0V
100
150
mA
Vo
Output Voltage
Vi=36 to72V
Io= 0.1 to 2A
11.4
12
12.6
V
Vor
Output Ripple Voltage
Vi= 48V
Vo = 12V
Io= 2A
30
60
mVpp
Von
Output Noise Voltage
Vi= 48V
Vo = 12V
Io= 2A
BW = 100MHz
500
mVpp
δVo
Line Regulation
Vi=36 to72V
Io=2A
20
30
mV
δVo
Load Regulation
Vi= 48V
Io= 0.1 to 2A
20
30
mV
Io
Output Current
Vi=36 to72V
Vo = 12V
0.1
2
A
Iosc
Output Short-circuit
Current
Vi= 48V
Vo =0V
1.0
1.5
A
Vis
Isolation Voltage
500
Vdc
fs
Switching Frequency
Vi=36 to72V
Io= 0.1 to 2A
450
kHz
η
Efficiency
Vi= 48V
Vo = 12V
Io=2A
84
86
%
Rth
Thermal Resistance
Case-to-Ambient
13
°C/W
Tcop
Operating Case
Temperature Range
0
+85
°C
Tstg
Storage Temperature
Range
-20
+105
°C


Similar Part No. - GS24T48-12

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GS247 MALLORY-GS247 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results

Similar Description - GS24T48-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T5-12 STMICROELECTRONICS-GS2T5-12 Datasheet
34Kb / 2P
2 WDC-DC CONVERTER
Dec-1993
GS30T48-5 STMICROELECTRONICS-GS30T48-5 Datasheet
42Kb / 2P
30 WDC-DC CONVERTER
Dec-1993
logo
Minmax Technology Co., ...
MIW1000 MINMAX-MIW1000_12 Datasheet
290Kb / 4P
DC/DC CONVERTER 2-3W, DIP-24 Plastic Package
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW2300 MINMAX-MIW2300_11 Datasheet
281Kb / 4P
DC/DC CONVERTER 3W, DIP-24 Metal Package
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Vicor Corporation
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
Maxi Family 24 V Input DC-DC Converter Module
logo
Vishay Siliconix
SIC431 VISHAY-SIC431_V01 Datasheet
2Mb / 23P
3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
27-Aug-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com