Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X2011 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # X2011
Description  FM Narrow Band Transceiver Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X2011 Datasheet(HTML) 2 Page - rfsolutions.ltd

  X2011 Datasheet HTML 1Page - rfsolutions.ltd X2011 Datasheet HTML 2Page - rfsolutions.ltd X2011 Datasheet HTML 3Page - rfsolutions.ltd X2011 Datasheet HTML 4Page - rfsolutions.ltd X2011 Datasheet HTML 5Page - rfsolutions.ltd X2011 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS2010_2
Dec ‘01
©2001 REG No 277 4001, England.
Page 2
FM Narrow Band Transceiver Modules
X2010 / X2011
Absolute Maximum Ratings
Operating temperature:
-25
°C to +55°C
Storage temperature:
-40
°C to +100°C
Supply Voltage (pin 3)
6V
Data input (pin 5)
Vcc + 0.3V
RF Input
0dBm
Electrical Characteristics:
Performance data measured at 20
oC and +5 volt supply and RF = 434.075 MHz.
pin
min.
typ.
max.
units
notes
DC LEVELS
Supply voltage
17
4.5
5
5.5
V
Supply current (receiver enabled)
17
7
mA
Supply current (transmitter enabled)
17
8
mA
Leakage current with Vcc connected
1
uA
1
Data input/output high
12,14
0.7xVcc
Vcc
V
Data input/output low
12,14
0
0.0xVcc
V
RF
Receiver sensitivity
(12 dB SINAD on AF output)
13
-112
dBm
Image rejection
50
dB
RF power out (transmitter)
1
mW
FM Deviation
+/-10
KHz
Initial frequency accuracy
±100
Hz
Overall frequency accuracy
+/-10
KHz
Max R.F. input to receiver
0
dBm
E.M.C.
Spurious responses upto 1GHz
<-36
dB
LO leakage, conducted
<60
dBm
LO leakage, radiated
<60
dBm
DYNAMIC TIMING
RX enable to valid RSSI / CD
1
mS
RX enable to stable receiver data out
6
mS
TX enable to full RF out
5
mS
Max / Min data pulse width
0.1
1
mS
3
Data Bit rate
1000
10,000
bps
2
Notes
1.
Sleep mode, that is with tx and rx not enabled
2.
1 Hz = 2 bps
3.
The data slicer is optimised for a 50:50 duty cycle hence for reliable communications data
should be encoded using a suitable scheme such as Manchester Encoding, although pulse
width modulation up to 70:30/30:70 can also be used.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com