Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X2011 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # X2011
Description  FM Narrow Band Transceiver Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X2011 Datasheet(HTML) 5 Page - rfsolutions.ltd

  X2011 Datasheet HTML 1Page - rfsolutions.ltd X2011 Datasheet HTML 2Page - rfsolutions.ltd X2011 Datasheet HTML 3Page - rfsolutions.ltd X2011 Datasheet HTML 4Page - rfsolutions.ltd X2011 Datasheet HTML 5Page - rfsolutions.ltd X2011 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS2010_2
Dec ‘01
©2001 REG No 277 4001, England.
Page 5
FM Narrow Band Transceiver Modules
X2010 / X2011
Pin Functional Description
Pin No.
Description
Details
1 & 3
RF Ground
Ideally connected to antenna ground plane.
2
Antenna
Nominal 50 ohm input/output impedance capacitively isolated from
internal circuit.
4,5,6
NC
Not connected internally on X2010 module.
7
NC
Ground
X2010 : This is unconnected
X2011 : RF Ground.
8
RSSI
Receiver signal strength indicator. DC voltage proportional to the RF
signal strength being received.
9,10,18
Ground
Supply ground points.
11
CD
Carrier detect output, active low.
12
RxD
Receiver data output ( CMOS logic out )
13
AF
Audio frequency output.
14
TxD
Transmitter data input.
15
Tx Enable
Active low, applying Vcc disables the transmitter.
16
Rx Enable
Active low, applying Vcc places the receiver in sleep mode.
17
Vcc
Supply voltage.
State Table
Tx (pin 15)
Rx (pin 16)
Mode
1
1
Power down mode. Supply current <1uA
1
0
Receiver only enabled. Data, AF, CD and RSSI outputs valid.
0
1
Transmitter only enabled. Tx data input valid.
0
0
Tx and Rx enabled. This mode is to be avoided as damage to the
module will eventually occur.
RSSI Output
The RSSI output provides a dc voltage that is proportional to the RF signal strength picked up on the
antenna (pin 2) port of the module.
The table below gives typical values of RSSI for varying degrees of RF signal strength applied
RF Input (dBm)
RSSI (V)
-105
0.82
-100
0.88
-90
1.12
-80
1.43
-70
1.75
-60
2.06
-50
2.36
-40
2.57
-30
2.6
-20
2.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com