Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF650 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # RF650
Description  SMART RADIO TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF650 Datasheet(HTML) 3 Page - rfsolutions.ltd

  RF650 Datasheet HTML 1Page - rfsolutions.ltd RF650 Datasheet HTML 2Page - rfsolutions.ltd RF650 Datasheet HTML 3Page - rfsolutions.ltd RF650 Datasheet HTML 4Page - rfsolutions.ltd RF650 Datasheet HTML 5Page - rfsolutions.ltd RF650 Datasheet HTML 6Page - rfsolutions.ltd RF650 Datasheet HTML 7Page - rfsolutions.ltd RF650 Datasheet HTML 8Page - rfsolutions.ltd RF650 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS650-6 June ‘06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 3
Tel 01273 898000 Fax 01273 480661
SMART RADIO TRANSCEIVER
RF650
1
Module Connections
Pin Descriptions
Pin
Number
Name
Type
Description
1
Vcc
Power
Positive supply voltage connection. Decouple with 100n ceramic
capacitor to ground.
2, 3, 4, 6
GND
Power
Connect to 0 volts.
5
Antenna
In / Out
Nominal 50 ohm input/output impedance capacitively isolated
from the internal circuit.
7, 8
nc
-
No Connection.
9
PD
In
Power Down pin. Take low for low power standby mode.
10
Tx
In
Transmit data input from host controller.
Data input to the transmitter can be directly interfaced to CMOS
logic drive operating on the same supply voltage as the
transceiver.
11
Rx
Out
Received data output to host controller (CMOS logic out)
representing true data as supplied to the transmitter.
12, 13
Data Rate
In
Host Data Rate selection.
14
Configuration
In
High for normal operation, low to configure module.
15
RTS
In
Logic ‘0’ is Request To Send.
Take low when the host is ready to send data to the module or is
ready to receive data from the module.
16
CTS
Out
Logic ‘0’ is Clear To Send.
Taken high when the module is busy.
Host Data Rate Selection
DR2 (pin 13)
DR1 (pin12)
Baud Rate
0
0
4,800
0
1
9,600
1
0
19,200
1
1
38,400
Vcc 1
GND 2
GND 3
GND 4
ANT 5
GND 6
NC 7
NC 8
16
CTS
15
RTS
14
Config
13
DR2
12
DR1
11
Rx
10
Tx
9
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com